Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032E-125LJ Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPLSI1032E-125LJ
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032E-125LJ Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPLSI1032E-125LJ Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032E-125LJ Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
ispLSI® and pLSI® 1032E
High-Density Programmable Logic
Functional Block Diagram
Features
• HIGH DENSITY PROGRAMMABLE LOGIC
— 6000 PLD Gates
— 64 I/O Pins, Eight Dedicated Inputs
— 192 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 125 MHz Maximum Operating Frequency
tpd = 7.5 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Erasable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
— Unused Product Term Shutdown Saves Power
• ispLSI OFFERS THE FOLLOWING ADDED FEATURES
— In-System Programmable (ISP™) 5-Volt Only
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Four Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispEXPERT™ – LOGIC COMPILER AND COMPLETE
ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS
THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
Output Routing Pool
Output Routing Pool
D7 D6 D5 D4 D3 D2 D1 D0
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
C7
C6
C5
C4
C3
C2
C1
C0
CLK
Global Routing Pool (GRP)
0139A(A1)-isp
Logic
Array
DQ
DQ
DQ
DQ
GLB
Description
The ispLSI and pLSI 1032E are High Density Program-
mable Logic Devices containing 192 Registers, 64
Universal I/O pins, eight Dedicated Input pins, four Dedi-
cated Clock Input pins and a Global Routing Pool (GRP).
The GRP provides complete interconnectivity between
all of these elements. The ispLSI 1032E features 5-Volt
in-system programmability and in-system diagnostic ca-
pabilities. The ispLSI 1032E device offers non-volatile
reprogrammability of the logic, as well as the intercon-
nects to provide truly reconfigurable systems. It is
architecturally and parametrically compatible to the pLSI
1032E device, but multiplexes four input pins to control
in-system programming. A functional superset of the
ispLSI and pLSI 1032 architecture, the ispLSI and pLSI
1032E devices add two new global output enable pins.
The basic unit of logic on the ispLSI and pLSI 1032E
devices is the Generic Logic Block (GLB). The GLBs are
labeled A0, A1…D7 (see Figure 1). There are a total of 32
GLBs in the ispLSI and pLSI 1032E devices. Each GLB
has 18 inputs, a programmable AND/OR/Exclusive OR
array, and four outputs which can be configured to be
either combinatorial or registered. Inputs to the GLB
come from the GRP and dedicated inputs. All of the GLB
outputs are brought back into the GRP so that they can
be connected to the inputs of any GLB on the device.
1032E_06
Copyright © 1998 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
October 1998
Tel. (503) 681-0118; 1-800-LATTICE; FAX (503) 681-3037; http://www.latticesemi.com


Similar Part No. - ISPLSI1032E-125LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032E-125LJ LATTICE-ISPLSI1032E-125LJ Datasheet
164Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1032E-125LJ LATTICE-ISPLSI1032E-125LJ Datasheet
301Kb / 17P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032E-125LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com