Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VE-180LT176 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI2128VE-180LT176
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE-180LT176 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI2128VE-180LT176 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2128VE-180LT176 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Specifications ispLSI 2128VE
9
ispLSI 2128VE Timing Model
GLB Reg
Delay
I/O Pin
(Output)
ORP
Delay
Feedback
Reg 4 PT Bypass
20 PT
XOR Delays
Control
PTs
I/O Pin
(Input)
Y0,1,2
GRP
GLB Reg Bypass
ORP Bypass
DQ
RST
RE
OE
CK
I/O Delay
I/O Cell
ORP
GLB
GRP
I/O Cell
#24
#25, 26, 27
#33, 34,
35
#43, 44
#36
Reset
Ded. In
#21
#20
#28
#29, 30,
31, 32
#38,
39
GOE 0
#42
#40, 41
0491/2032
#22
Comb 4 PT Bypass #23
#37
#45
Derivations of
tsu, th and tco from the Product Term Clock
=
=
=
=
tsu
2.8ns
Logic + Reg su - Clock (min)
(
tio + tgrp + t20ptxor) + (tgsu) - (tio + tgrp + tptck(min))
(#20 + #22 + #26) + (#29) - (#20 + #22 + #35)
(0.5 + 0.2 + 2.8) + (0.8) - (0.5 + 0.2 + 0.8)
=
=
=
=
th
Clock (max) + Reg h - Logic
(
tio + tgrp + tptck(max)) + (tgh) - (tio + tgrp + t20ptxor)
(#20 + #22 + #35) + (#30) - (#20 + #22 + #26)
(0.5 + 0.2 + 3.6) + (1.7) - (0.5 + 0.2 + 2.8)
=
=
=
=
tco
Note: Calculations are based upon timing specifications for the ispLSI 2128VE-250L.
Clock (max) + Reg co + Output
(
tio + tgrp + tptck(max)) + (tgco) + (torp + tob)
(#20 + #22 + #35) + (#31) + (#36 + #38)
(0.5 + 0.2 + 3.6) + (0.2) + (1.1 + 1.4)
Table 2-0042/2128VE
v.1.0
2.5ns
7.0ns


Similar Part No. - ISPLSI2128VE-180LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE-180LT176 LATTICE-ISPLSI2128VE-180LT176 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE-180LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com