Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2096VL-100LT128 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI2096VL-100LT128
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2096VL-100LT128 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI2096VL-100LT128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2096VL-100LT128 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Specifications ispLSI 2096VL
6
Internal Timing Parameters1
Over Recommended Operating Conditions
tio
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036/2096VL
Inputs
UNITS
-135
-165
MIN.
-100
MIN.
MAX.
MIN. MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
20 Input Buffer Delay
ns
tdin
21 Dedicated Input Delay
ns
tgrp
22 GRP Delay
ns
GLB
t1ptxor
25 1 Product Term/XOR Path Delay
ns
t20ptxor
26 20 Product Term/XOR Path Delay
ns
txoradj
27 XOR Adjacent Path Delay
ns
tgbp
28 GLB Register Bypass Delay
ns
tgsu
29 GLB Register Setup Time before Clock
ns
tgh
30 GLB Register Hold Time after Clock
ns
tgco
31 GLB Register Clock to Output Delay
ns
3
tgro
32 GLB Register Reset to Output Delay
ns
tptre
33 GLB Product Term Reset to Register Delay
ns
tptoe
34 GLB Product Term Output Enable to I/O Cell Delay
ns
tptck
35 GLB Product Term Clock Delay
ns
ORP
tob
38 Output Buffer Delay
ns
tsl
39 Output Slew Limited Delay Adder
ns
GRP
t4ptbpc
23 4 Product Term Bypass Path Delay (Combinatorial)
ns
t4ptbpr
24 4 Product Term Bypass Path Delay (Registered)
ns
torp
36 ORP Delay
ns
torpbp
37 ORP Bypass Delay
ns
Outputs
toen
40 I/O Cell OE to Output Enabled
ns
todis
41 I/O Cell OE to Output Disabled
ns
tgoe
42 Global Output Enable
ns
tgy0
43 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
ns
tgy1/2
44 Clock Delay, Y1 or Y2 to Global GLB Clock Line
ns
Clocks
tgr
45 Global Reset to GLB
0.5
1.6
1.1
3.4
3.4
3.4
0.0
0.3
0.6
4.8
4.9
4.1
1.6
2.0
1.9
2.4
1.4
0.4
3.5
3.5
2.5
1.7
1.9
3.4
1.2
2.3
1.1
1.7
1.9
1.0
2.2
1.2
4.2
4.2
4.2
0.5
0.3
1.1
6.6
5.8
4.5
1.6
2.0
3.2
3.2
1.5
0.5
4.0
4.0
3.0
2.1
2.3
4.8
1.7
3.3
2.1
2.1
2.3
0.9
2.7
1.8
6.2
6.2
6.2
1.0
0.3
4.3
8.9
7.4
4.8
1.6
2.0
5.2
4.7
1.5
0.5
4.9
4.9
4.1
2.6
2.8
7.1
1.7
4.8
2.8
2.6
2.8
ns
Global Reset


Similar Part No. - ISPLSI2096VL-100LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2096VE-100LT128 LATTICE-ISPLSI2096VE-100LT128 Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2096VE-135LT128 LATTICE-ISPLSI2096VE-135LT128 Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2096VE-135LT128I LATTICE-ISPLSI2096VE-135LT128I Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2096VE-200LT128 LATTICE-ISPLSI2096VE-200LT128 Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2096VE-250LT128 LATTICE-ISPLSI2096VE-250LT128 Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2096VL-100LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com