Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VE-180LB49 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2032VE-180LB49
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE-180LB49 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2032VE-180LB49 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032VE-180LB49 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Specifications ispLSI 2032VE
10
Power Consumption
Power consumption in the ispLSI 2032VE device de-
pends on two primary factors: the speed at which the
device is operating and the number of product terms
used. Figure 3 shows the relationship between power
and operating speed.
Figure 3. Typical Device Power Consumption vs fmax
0127A/2032VE
ICC can be estimated for the ispLSI 2032VE using the following equation:
For ispLSI 2032VE-225: ICC(mA) = 4.5 + (# of PTs * 1.29) + (# of nets * Max freq * 0.0068)
For ispLSI 2032VE-180 and slower: ICC(mA) = 4.5 + (# of PTs * 1.05) + (# of nets * Max freq * 0.0068)
Where:
# of PTs = Number of product terms used in design
# of nets = Number of signals used in device
Max freq = Highest clock frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 3.3V, room temperature) and an assumption of two
GLB loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to
operating conditions and the program in the device, the actual ICC should be verified.
Notes: Configuration of two 16-bit counters
Typical current at 3.3V, 25
° C
ispLSI 2032VE-225
ispLSI 2032VE-180
and slower
75
125
025
50
75
100
125
150
175
200
225
fmax (MHz)
150
100
25
50


Similar Part No. - ISPLSI2032VE-180LB49

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49 LATTICE-ISPLSI2032VE110LB49 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49I LATTICE-ISPLSI2032VE110LB49I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44 LATTICE-ISPLSI2032VE110LJ44 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44I LATTICE-ISPLSI2032VE110LJ44I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE-180LB49

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com