Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S56A-12UR-XX Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-S56A-12UR-XX
Description  14.20mm (0.56) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S56A-12UR-XX Datasheet(HTML) 2 Page - BetLux Electronics

  BL-S56A-12UR-XX Datasheet HTML 1Page - BetLux Electronics BL-S56A-12UR-XX Datasheet HTML 2Page - BetLux Electronics BL-S56A-12UR-XX Datasheet HTML 3Page - BetLux Electronics BL-S56A-12UR-XX Datasheet HTML 4Page - BetLux Electronics BL-S56A-12UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S56X-12
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-S56A-12UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S56A-12UR-0 BETLUX-BL-S56A-12UR-0 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-12UR-1 BETLUX-BL-S56A-12UR-1 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-12UR-10 BETLUX-BL-S56A-12UR-10 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-12UR-11 BETLUX-BL-S56A-12UR-11 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S56A-12UR-12 BETLUX-BL-S56A-12UR-12 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S56A-12UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S56C-11 BETLUX-BL-S56C-11 Datasheet
309Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series
BL-S56A-11 BETLUX-BL-S56A-11 Datasheet
307Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series.
BL-S56A-13 BETLUX-BL-S56A-13 Datasheet
315Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series
BL-S56A-15 BETLUX-BL-S56A-15 Datasheet
305Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series
BL-S56A-14 BETLUX-BL-S56A-14 Datasheet
312Kb / 5P
   14.20mm (0.56) Single digit Seven Segment LED display series
BL-D56C-22 BETLUX-BL-D56C-22 Datasheet
327Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-T56A-32 BETLUX-BL-T56A-32 Datasheet
318Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
BL-T56I-31 BETLUX-BL-T56I-31 Datasheet
380Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
BL-D56C-23 BETLUX-BL-D56C-23 Datasheet
323Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-T56O-31 BETLUX-BL-T56O-31 Datasheet
343Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com