Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ60CA Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SMAJ60CA
Description  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMAJ60CA Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SMAJ60CA Datasheet HTML 1Page - Zowie Technology Corporation SMAJ60CA Datasheet HTML 2Page - Zowie Technology Corporation SMAJ60CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zowie Technology Corporation
2011/05
SMA/DO-214AC
FEATURES
MECHANICAL DATA
* Glass passivated chip
* 400 W peak pulse power capability with a 10/1000
µs wavefrom,
repetitive rate (duty cycle) : 0.01%
* Low leakage
* Excellent clamping capability
* Very fast response time
Case : JEDEC DO-214AC molded plastic
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes positive end (cathode) except
for bidirectional types
Weight : 0.002 ounes, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature unless otherwise specified.
single phase, half wave, 60Hz resistive or inductive load.
for capacitive load, derate current by 20%
*Dimensions in inches and (millimeters)
SMAJ SERIES
GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 5.0 to 440 Volts
Peak Pulse Power-400 Watts
SYMBOL
VALUE
PPPM
PD
IFSM
TJ,TSTG
400
1.0
-55 to +150
Operating junction and storage temperature range
RATING
40
UNITS
Watts
Watts
Amps
Peak power dissipation with a 10/1000
µs waveform (note 1)
Power dissipation on infinite heatsink at TL = 75℃
IPPM
See next table
Amps
Peak pulse current with a 10/1000
µs waveform (node 1)
Peak forward surge current,8.3ms single half sine-wave unidirectional only (note 2)
0.115(2.92)
0.090(2.28)
0.096(2.43)
0.078(1.99)
0.050(1.27)
0.030(0.77)
0.016(0.41)
0.006(0.15)
0.181(4.60)
0.157(4.00)
Max.
0.203
0.064(1.63)
0.050(1.27)
0.220(5.60)
0.191(4.84)
NOTES : (1) Non-repetitive current pulse per Fig. 5 and derated abobe TA = 25℃ per Fig. 1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.


Similar Part No. - SMAJ60CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ60CA DIODES-SMAJ60CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ60CA BYTES-SMAJ60CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ60CA ZSELEC-SMAJ60CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotech Company.
SMAJ60CA DIOTECH-SMAJ60CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMAJ60CA WEEN-SMAJ60CA Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
More results

Similar Description - SMAJ60CA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ ZOWIE-SMBJ Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com