Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2096E-135LQ128 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI2096E-135LQ128
Description  In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2096E-135LQ128 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2096E-135LQ128 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2096E-135LQ128 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications ispLSI 2096E
5
tpd1
UNITS
-180
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030A/2096E
1
1
tsu2 + tco1
(
)
-135
MIN.
MAX.
MAX.
DESCRIPTION
#
2
4
PARAMETER
A
1
Data Prop Delay, 4PT Bypass, ORP Bypass
5.0
7.5
ns
tpd2
A
2
Data Prop Delay
––
ns
fmax
A
3
Clk Freq with Internal Feedback3
180
135
MHz
fmax (Ext.)
4
Clk Freq with External Feedback
––
MHz
fmax (Tog.)
5
Clk Frequency, Max. Toggle
––
MHz
tsu1
6
GLB Reg Setup Time before Clk, 4 PT Bypass
––
ns
tco1
A
7
GLB Reg Clk to Output Delay, ORP Bypass
––
ns
th1
8
GLB Reg Hold Time after Clk, 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg Setup Time before Clk
5.0
ns
tco2
10 GLB Reg Clk to Output Delay
––
ns
th2
11 GLB Reg Hold Time after Clk
0.0
ns
tr1
A
12 External Reset Pin to Output Delay
––
ns
trw1
13 External Reset Pulse Duration
4.0
ns
tptoeen
B
14 Input to Output Enable
––
ns
tptoedis
C
15 Input to Output Disable
––
ns
tgoeen
B
16 Global OE Output Enable
––
ns
tgoedis
C
17 Global OE Output Disable
––
ns
twh
18 External Synch Clk Pulse Duration, High
2.5
––
ns
twl
19 External Synch Clk Pulse Duration, Low
2.5
––
ns
125
200
4.0
3.0
3.5
7.0
10.0
10.0
5.0
5.0
7.5
100
143
5.0
0.0
6.0
0.0
5.0
3.5
3.5
10.0
4.0
4.5
10.0
12.0
12.0
7.0
7.0
-100
MIN. MAX.
10.0
100
0.0
8.0
0.0
6.5
5.0
5.0
77
100
6.5
5.0
6.0
13.5
15.0
15.0
9.0
9.0
13.0
External Timing Parameters
Over Recommended Operating Conditions


Similar Part No. - ISPLSI2096E-135LQ128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2096E-135LQ128 LATTICE-ISPLSI2096E-135LQ128 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2096E-135LQ128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com