Electronic Components Datasheet Search |
|
ISPLSI2032VE-180LJ44 Datasheet(PDF) 10 Page - Lattice Semiconductor |
|
ISPLSI2032VE-180LJ44 Datasheet(HTML) 10 Page - Lattice Semiconductor |
10 / 14 page Specifications ispLSI 2032VE 10 Power Consumption Power consumption in the ispLSI 2032VE device de- pends on two primary factors: the speed at which the device is operating and the number of product terms used. Figure 3 shows the relationship between power and operating speed. Figure 3. Typical Device Power Consumption vs fmax 0127A/2032VE ICC can be estimated for the ispLSI 2032VE using the following equation: For ispLSI 2032VE-225: ICC(mA) = 4.5 + (# of PTs * 1.29) + (# of nets * Max freq * 0.0068) For ispLSI 2032VE-180 and slower: ICC(mA) = 4.5 + (# of PTs * 1.05) + (# of nets * Max freq * 0.0068) Where: # of PTs = Number of product terms used in design # of nets = Number of signals used in device Max freq = Highest clock frequency to the device (in MHz) The ICC estimate is based on typical conditions (VCC = 3.3V, room temperature) and an assumption of two GLB loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the program in the device, the actual ICC should be verified. Notes: Configuration of two 16-bit counters Typical current at 3.3V, 25 ° C ispLSI 2032VE-225 ispLSI 2032VE-180 and slower 75 125 025 50 75 100 125 150 175 200 225 fmax (MHz) 150 100 25 50 |
Similar Part No. - ISPLSI2032VE-180LJ44 |
|
Similar Description - ISPLSI2032VE-180LJ44 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |