Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2096E-180LQ128 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI2096E-180LQ128
Description  In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2096E-180LQ128 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI2096E-180LQ128 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2096E-180LQ128 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Specifications ispLSI 2096E
3
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
Capacitance (T
A=25°C, f=1.0 MHz)
Erase/Reprogram Specification
TA = 0°C to +70°C
SYMBOL
Table 2-0005/2096E
VCC
VIH
VIL
PARAMETER
Supply Voltage: Logic Core, Input Buffers
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
4.75
2.0
0
5.25
Vcc+1
0.8
V
VCCIO
Supply Voltage: Output Drivers
4.75
5.25
V
3.3V
5V
3.0
3.6
V
V
V
C
SYMBOL
Table 2-0006/2096E
C
PARAMETER
I/O Capacitance
UNITS
TEST CONDITIONS
1
2
Dedicated Input Capacitance
pf
pf
V = 5.0V, V
= 2.0V
V = 5.0V, V = 2.0V
CC
CC
I/O
IN
C
Clock Capacitance
8
TYP
8
10
3
pf
V = 5.0V, V = 2.0V
CC
Y
Table 2-0008/2096E
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles


Similar Part No. - ISPLSI2096E-180LQ128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2096E-180LQ128 LATTICE-ISPLSI2096E-180LQ128 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2096E-180LQ128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com