Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX160VA-7B272 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPGDX160VA-7B272
Description  In-System Programmable 3.3V Generic Digital CrosspointTM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160VA-7B272 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPGDX160VA-7B272 Datasheet HTML 1Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160VA-7B272 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Specifications ispGDX160V/VA
Description (Continued)
found in each I/O cell. Each output has individual, pro-
grammable I/O tri-state control (OE), output latch clock
(CLK), clock enable (CLKEN), and two multiplexer con-
trol (MUX0 and MUX1) inputs. Polarity for these signals
is programmable for each I/O cell. The MUX0 and MUX1
inputs control a fast 4:1 MUX, allowing dynamic selection
of up to four signal sources for a given output. A wider
16:1 MUX can be implemented with the MUX expander
feature of each I/O and a propagation delay increase of
2.0ns. OE, CLK, CLKEN, and MUX0 and MUX1 inputs
can be driven directly from selected sets of I/O pins.
Optional dedicated clock input pins give minimum clock-
to-output delays. CLK and CLKEN share the same set of
I/O pins. CLKEN disables the register clock when
CLKEN = 0.
Through in-system programming, connections between
I/O pins and architectural features (latched or registered
inputs or outputs, output enable control, etc.) can be
defined. In keeping with its data path application focus,
the ispGDXV devices contain no programmable logic
arrays. All input pins include Schmitt trigger buffers for
noise immunity. These connections are programmed
into the device using non-volatile E2CMOS technology.
Non-volatile technology means the device configuration
is saved even when the power is removed from the
device.
In addition, there are no pin-to-pin routing constraints for
1:1 or 1:n signal routing. That is,
any I/O pin configured
as an input can drive one or more I/O pins configured as
outputs.
The device pins also have the ability to set outputs to
fixed HIGH or LOW logic levels (Jumper or DIP Switch
mode). Device outputs are specified for 24mA sink and
12mA source current (at JEDEC LVTTL levels) and can
be tied together in parallel for greater drive. On the
ispGDXVA, each I/O pin is individually programmable for
3.3V or 2.5V output levels as described later. Program-
mable output slew rate control can be defined
independently for each I/O pin to reduce overall ground
bounce and switching noise.
All I/O pins are equipped with IEEE1149.1-compliant
Boundary Scan Test circuitry for enhanced testability. In
addition, in-system programming is supported through
the Test Access Port via a special set of private com-
mands.
The ispGDXV I/Os are designed to withstand “live inser-
tion” system environments. The I/O buffers are disabled
during power-up and power-down cycles. When design-
ing for “live insertion,” absolute maximum rating conditions
for the Vcc and I/O pins must still be met.
Table 1. ispGDXV Family Members
ispGDXV/VA Device
ispGDX160V/VA
I/O Pins
160
I/O-OE Inputs*
40
I/O-CLK / CLKEN Inputs*
40
I/O-MUXsel1 Inputs*
40
I/O-MUXsel2 Inputs*
40
BSCAN Interface
4
RESET
1
Pin Count/Package
208-Pin PQFP
208-Ball fpBGA
272-Ball BGA
* The CLK/CLK_EN, OE, MUX0 and MUX1 terminals on each I/O cell can each be assigned to
25% of the I/Os.
** Global clock pins Y0, Y1, Y2 and Y3 are multiplexed with CLKEN0, CLKEN1, CLKEN2 and
CLKEN3 respectively in all devices.
TOE
1
Dedicated Clock Pins**
4
EPEN
1
80
20
20
20
20
4
1
100-Pin TQFP
1
2
1
240
60
60
60
60
4
1
388-Ball fpBGA
1
4
1
ispGDX80VA
ispGDX240VA


Similar Part No. - ISPGDX160VA-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ispGDX160VA-7B272 LATTICE-ispGDX160VA-7B272 Datasheet
572Kb / 36P
   ispGDX짰160V/VA Device Datasheet
ispGDX160VA-7B272I LATTICE-ispGDX160VA-7B272I Datasheet
572Kb / 36P
   ispGDX짰160V/VA Device Datasheet
More results

Similar Description - ISPGDX160VA-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com