Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S32C-11G-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S32C-11G-XX
Description  8.0mm (0.32) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S32C-11G-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S32C-11G-XX Datasheet HTML 1Page - BetLux Electronics BL-S32C-11G-XX Datasheet HTML 2Page - BetLux Electronics BL-S32C-11G-XX Datasheet HTML 3Page - BetLux Electronics BL-S32C-11G-XX Datasheet HTML 4Page - BetLux Electronics BL-S32C-11G-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S32X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
0.6g/pcs
Maximum
600pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S32C-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
BL-S32A-11B BETLUX-BL-S32A-11B Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-00 BETLUX-BL-S32A-11D-00 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-01 BETLUX-BL-S32A-11D-01 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-02 BETLUX-BL-S32A-11D-02 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S32C-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32E-11 BETLUX-BL-S32E-11 Datasheet
336Kb / 5P
   8.0mm (0.32) Single digit numeric display series
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
   8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com