Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S32C-11S-XX Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-S32C-11S-XX
Description  8.0mm (0.32) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S32C-11S-XX Datasheet(HTML) 4 Page - BetLux Electronics

  BL-S32C-11S-XX Datasheet HTML 1Page - BetLux Electronics BL-S32C-11S-XX Datasheet HTML 2Page - BetLux Electronics BL-S32C-11S-XX Datasheet HTML 3Page - BetLux Electronics BL-S32C-11S-XX Datasheet HTML 4Page - BetLux Electronics BL-S32C-11S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S32X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-S32C-11S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
BL-S32A-11B BETLUX-BL-S32A-11B Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-00 BETLUX-BL-S32A-11D-00 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-01 BETLUX-BL-S32A-11D-01 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-02 BETLUX-BL-S32A-11D-02 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S32C-11S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32E-11 BETLUX-BL-S32E-11 Datasheet
336Kb / 5P
   8.0mm (0.32) Single digit numeric display series
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
   8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com