Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX160VA-3B208 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPGDX160VA-3B208
Description  In-System Programmable 3.3V Generic Digital CrosspointTM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160VA-3B208 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPGDX160VA-3B208 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 10Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 11Page - Lattice Semiconductor ISPGDX160VA-3B208 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
Specifications ispGDX160VA
Absolute Maximum Ratings 1,2
Supply Voltage Vcc ................................. -0.5 to +5.4V
Input Voltage Applied ............................... -0.5 to +5.6V
Off-State Output Voltage Applied ............ -0.5 to +5.6V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
2. Compliance with the Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM is a requirement.
DC Recommended Operating Conditions
C
SYMBOL
Table 2-0006/gdx160va
C
PARAMETER
PACKAGE TYPE
Dedicated Clock Capacitance
8
UNITS
TYPICAL
TEST CONDITIONS
1
2
7
PQFP
BGA, fpBGA
PQFP
BGA, fpBGA
I/O Capacitance
pf
10
pf
pf
10
pf
V = 3.3V, V = 2.0V
V = 3.3V, V
= 2.0V
CC
CC
Y
I/O
Capacitance (T
A=25
oC, f=1.0 MHz)
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles
Erase/Reprogram Specifications
SYMBOL
Table 2-0005/gdx160va
VCC
VCCIO
PARAMETER
Supply Voltage
I/O Reference Voltage
Commercial
TA = 0°C to +70°C
MIN.
MAX.
UNITS
3.00
2.3
3.60
3.60
V
Industrial
TA = -40°C to +85°C
3.00
3.60
V
V


Similar Part No. - ISPGDX160VA-3B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ispGDX160VA-3B208 LATTICE-ispGDX160VA-3B208 Datasheet
572Kb / 36P
   ispGDX짰160V/VA Device Datasheet
More results

Similar Description - ISPGDX160VA-3B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com