Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1048EA-125LT128 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI1048EA-125LT128
Description  In-System Programmable High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1048EA-125LT128 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI1048EA-125LT128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI1048EA-125LT128 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Specifications ispLSI 1048EA
10
0127/1048EA
Icc can be estimated for the ispLSI 1048EA using the following equation:
Icc = 20mA + (# of PTs * .45) + (# of nets * Max Freq * .0087)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The Icc estimate is based on typical conditions (Vcc = 5.0V, room temperature) and an assumption of four GLB
loads on average exists. These values are for estimates only. Since the value of Icc is sensitive to operating
conditions and the program in the device, the actual Icc should be verified.
fmax (MHz)
Notes: Configuration of twelve 16-bit counters, Typical current at 5V, 25¡C
400
300
200
100
0
25
50
75
100
125
150
175
ispLSI 1048EA
500
Power Consumption
Power consumption in the ispLSI 1048EA device de-
pends on two primary factors: the speed at which the
device is operating and the number of Product Terms
used. Figure 4 shows the relationship between power
and operating speed.
Figure 4. Typical Device Power Consumption vs fmax
Package Thermal Characteristics
For the ispLSI 1048EA-170, it is strongly recommended
that the actual Icc be verified to ensure that the maximum
junction temperature (TJ) with power supplied is not
exceeded. Depending on the specific logic design and
clock speed, airflow may be required to satisfy the maxi-
mum allowable junction temperature (TJ) specification.
Please refer to the Thermal Management section of the
Lattice Semiconductor Data Book or CD-ROM for addi-
tional information on calculating TJ.
Maximum GRP Delay vs. GLB Loads
GLB Load
3
1
8
16
32
48
4
5
4
2
GRP/GLB/1048EA
1
ispLSI 1048EA-170
ispLSI 1048EA-125
ispLSI 1048EA-100


Similar Part No. - ISPLSI1048EA-125LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1048E LATTICE-ISPLSI1048E Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI1048E100LQ LATTICE-ISPLSI1048E100LQ Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI1048E100LQI LATTICE-ISPLSI1048E100LQI Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI1048E100LQN LATTICE-ISPLSI1048E100LQN Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI1048E100LQNI LATTICE-ISPLSI1048E100LQNI Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1048EA-125LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com