Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1032E-70LTI Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # 1032E-70LTI
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1032E-70LTI Datasheet(HTML) 2 Page - Lattice Semiconductor

  1032E-70LTI Datasheet HTML 1Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 2Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 3Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 4Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 5Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 6Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 7Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 8Page - Lattice Semiconductor 1032E-70LTI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Specifications ispLSI and pLSI 1032E
Functional Block Diagram
Figure 1. ispLSI and pLSI 1032E Functional Block Diagram
The devices also have 64 I/O cells, each of which is
directly connected to an I/O pin. Each I/O cell can be
individually programmed to be a combinatorial input,
registered input, latched input, output or bi-directional
I/O pin with 3-state control. The signal levels are TTL
compatible voltages and the output drivers can source 4
mA or sink 8 mA. Each output can be programmed
independently for fast or slow output slew rate to mini-
mize overall output switching noise.
Eight GLBs, 16 I/O cells, two dedicated inputs and one
ORP are connected together to make a Megablock (see
figure 1). The outputs of the eight GLBs are connected to
a set of 16 universal I/O cells by the ORP. Each ispLSI
and pLSI 1032E device contains four Megablocks.
The GRP has, as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI and pLSI 1032E devices are se-
lected using the Clock Distribution Network. Four
dedicated clock pins (Y0, Y1, Y2 and Y3) are brought into
the distribution network, and five clock outputs (CLK 0,
CLK 1, CLK 2, IOCLK 0 and IOCLK 1) are provided to
route clocks to the GLBs and I/O cells. The Clock Distri-
bution Network can also be driven from a special clock
GLB (C0 on the ispLSI and pLSI 1032E devices). The
logic of this GLB allows the user to create an internal
clock from a combination of internal signals within the
device.
RESET
Global
Routing
Pool
(GRP)
CLK 0
CLK 1
CLK 2
IOCLK 0
IOCLK 1
Clock
Distribution
Network
C7
C6
C5
C4
C3
C2
C1
C0
A0
A1
A2
A3
A4
A5
A6
A7
Generic
Logic Blocks
(GLBs)
Megablock
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Input Bus
Input Bus
*ispEN/NC
*ISP Control Functions for ispLSI 1032E Only
D7
D6
D5
D4
D3
D2
D1
D0
I/O 35
I/O 34
I/O 33
I/O 32
I/O 0
I/O 1
I/O 2
I/O 3
I/O 12
I/O 13
I/O 14
I/O 15
*SDI/IN 0
*MODE/IN 1
I/O 8
I/O 9
I/O 10
I/O 11
I/O 4
I/O 5
I/O 6
I/O 7
I/O 47
I/O 46
I/O 45
I/O 44
GOE 1/IN 5
GOE 0/IN 4
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
B0
B1
B2
B3
B4
B5
B6
B7


Similar Part No. - 1032E-70LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1032E LATTICE-1032E Datasheet
164Kb / 16P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
More results

Similar Description - 1032E-70LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com