Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1032-60LTI Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # 1032-60LTI
Description  High-Density Programmable Logic
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1032-60LTI Datasheet(HTML) 3 Page - Lattice Semiconductor

  1032-60LTI Datasheet HTML 1Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 2Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 3Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 4Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 5Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 6Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 7Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 8Page - Lattice Semiconductor 1032-60LTI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Specifications ispLSI and pLSI 1032
3
1996 ISP Encyclopedia
Absolute Maximum Ratings 1
Supply Voltage Vcc ...................................-0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specifica tion
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
V
V
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
5.25
5.5
5.5
0.8
Vcc + 1
Supply Voltage
VCC
VIL
VIH
Table 2- 0005Aisp w/mil.eps
4.75
4.5
4.5
0
2.0
Commercial
TA = 0
°C to +70°C
Industrial
TA = -40
°C to +85°C
Military/883
T
C = -55°C to +125°C
Input Low Voltage
Input High Voltage
V
Capacitance (T
A=25
oC, f=1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM1
UNITS
TEST CONDITIONS
C
1
Commercial/Industrial
8
pf
V
CC=5.0V, VIN=2.0V
Military
10
pf
V
CC=5.0V, VIN=2.0V
C
2
I/O and Clock Capacitance
10
pf
V
CC=5.0V, VI/O, VY=2.0V
1
. Guaranteed but not 100% tested.
Table 2- 0006
Dedicated Input Capacitance
Data Retention Specifications
Table 2- 0008B
PARAMETER
pLSI Erase/Reprogram Cycles
100
Data Retention
MINIMUM
MAXIMUM
UNITS
ispLSI Erase/Reprogram Cycles
20
10000
Cycles
Years
Cycles


Similar Part No. - 1032-60LTI

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
1032-1-17-01-30-02-02-0 MILL-MAX-1032-1-17-01-30-02-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
1032-1-17-01-30-27-02-0 MILL-MAX-1032-1-17-01-30-27-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
1032-1-17-01-30-84-02-0 MILL-MAX-1032-1-17-01-30-84-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
1032-1-17-01-32-02-02-0 MILL-MAX-1032-1-17-01-32-02-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
1032-1-17-01-32-27-02-0 MILL-MAX-1032-1-17-01-32-27-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results

Similar Description - 1032-60LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com