Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1546 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics UM1546 Datasheet HTML 10Page - STMicroelectronics UM1546 Datasheet HTML 11Page - STMicroelectronics UM1546 Datasheet HTML 12Page - STMicroelectronics UM1546 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UM1546
System overview
Doc ID 023229 Rev 1
9/17
Figure 6.
RC5 frame reception mechanism
The decoding algorithm uses a small finite state machine as follows:
State 1: Enable EXT interrupt and start timer with ARR value for 3.5 ms overflow time.
Go to State 2 when timer overflow occurs.
State 2: Wait for first EXT interrupt, when it occurs, initialize and start timer and go to
State 3.
State 3: Wait for second EXT interrupt. When it occurs, stop timer and validate ½ bit
time period. If valid, use it to calculate ¾ bit time and go to State 4, or else reset state to
State 1.
State 4: Wait for EXT interrupt. When it occurs (red downward arrow), disable EXT
interrupt and start timer with ARR set to ¾ bit time. Go to State 5.
State 5: When timer overflow interrupt occurs, sample the data line (green upward
arrow) and push its value into the RC5 data sampling variable. If all 13 bits are sampled
(including the last idle state), give the valid decoded output and go back to State 1 for
the next detection cycle, or else re-enable EXT interrupt and go to State 4.
The algorithm synchronizes the first half midpoint sampling location (green upward arrow) of
each bit with the logic transition point of the previous bit (red downward arrow). The field bit
is not decoded in the existing algorithm but this can be easily incorporated with minor
modifications in the firmware.
2.2
Hardware layout
The STEVAL-IHM037V1 component layout for top and bottom layers is shown below in
Figure 6 and 7 respectively. It helps the user to locate different components / sections on the
board.
AM12345v1
S
F
C
01100011001
RC5 frame to
be transmitted
IR remote control
output (IR LED)
EXT Interrupt
Data line
sampling
¾ bit time delay
from EXT interrupt
Decoded output of
IR receiver module
½ bit time


Similar Part No. - UM1546

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
logo
Union Semiconductor, In...
UM15413DA UNIONSEMI-UM15413DA Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
UM15413S UNIONSEMI-UM15413S Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
UM15413Y UNIONSEMI-UM15413Y Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM1546

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1548 STMICROELECTRONICS-UM1548 Datasheet
816Kb / 14P
   IR remote trasmitter STEVAL-IHM037V1
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
ON Semiconductor
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com