Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN1177 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN1177
Description  To ease the development of STM32 microcontroller applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1177 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN1177 Datasheet HTML 3Page - STMicroelectronics TN1177 Datasheet HTML 4Page - STMicroelectronics TN1177 Datasheet HTML 5Page - STMicroelectronics TN1177 Datasheet HTML 6Page - STMicroelectronics TN1177 Datasheet HTML 7Page - STMicroelectronics TN1177 Datasheet HTML 8Page - STMicroelectronics TN1177 Datasheet HTML 9Page - STMicroelectronics TN1177 Datasheet HTML 10Page - STMicroelectronics TN1177 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID026269 Rev 2
7/12
TN1177
Peripheral migration
11
Note:
For additional information, please refer to the STM32L100xx, STM32L151xx, STM32L152xx
and STM32L162xx advanced ARM®-based 32-bit MCUs reference manual RM0038 in
which STM32L15/6xxC-A and STM32L15/6xxC are ‘Cat.3’ devices, and to the
STM32L15/6xxC datasheets. Documents are available for download from the company
website at www.st.com/stm32.
3.1
Main peripherals/system changes
Some system properties and peripherals configuration were changed in the
STM32L15/6xxC device. In the next are described those changes. The following sections
describe these changes.
3.1.1
LCD rails decoupling
The external decoupling capability of LCD rails was implemented to improve the LCD
contrast (for example for large LCD displays with higher segments capacity). On
STM32L15/6xxC devices, specific pins can be connected to external capacitors that
maintain a stable LCD rail voltage while driving the LCD segments.
Clock
HSI/HSE/LSI/LSE
CSS on HSE/LSE
HSI/HSE/LSI/LSE
CSS on HSE/LSE
No change
HSI/HSI clock
trimming
+/- 1%
+/- 1%
No change
RTC version
RTC V2.0
RTC V2.0
No change
DAC
2
2
No change
ADC (total / fast
channels)
1 (25 / 6)
1 (25 / 6)
No change
Comparator
2
2
No change
Touch sensing
[channels]
23
23
No change
Temperature
sensor
YES
YES
No change
Internal voltage
reference
YES
YES
No change
Unique ID
YES
YES
No change
MCO
YES
YES
No change
PCROP
NO
YES
New memory protection feature
implemented: Proprietary code read
out protection (only its execution is
allowed). If not used then no
software change is needed (only
added extension of existing
protections).
Table 3. STM32L15/6xxC and STM32L15/6xxC-A device differences (continued)
Function
STM32L15/6xxC-A STM32L15/6xxC
Behavior / impact to software


Similar Part No. - TN1177

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
   To ease the development of STM32 microcontroller applications
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
   To ease the development of STM32 microcontroller applications
More results

Similar Description - TN1177

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
   To ease the development of STM32 microcontroller applications
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
AN4660 STMICROELECTRONICS-AN4660 Datasheet
311Kb / 27P
   Designers of STM32 microcontroller applications must have the possibility
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
   STM32 development boards
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
   Virtually increasing the number of serial communication peripherals in STM32 applications
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
   Ease of Paralleling
06/23/16
logo
STMicroelectronics
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
   Extending the DAC performance of STM32 microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com