Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT20U60SP5-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBRT20U60SP5-7
Description  20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT20U60SP5-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBRT20U60SP5-7 Datasheet HTML 1Page - Diodes Incorporated SBRT20U60SP5-7 Datasheet HTML 2Page - Diodes Incorporated SBRT20U60SP5-7 Datasheet HTML 3Page - Diodes Incorporated SBRT20U60SP5-7 Datasheet HTML 4Page - Diodes Incorporated SBRT20U60SP5-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT20U60SP5
Document number: DS36825 Rev. 4 - 2
2 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT20U60SP5
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
60
V
Average Rectified Output Current
Io
20
A
Non-Repetitive Peak Forward Surge Current 8.3mS
IFSM
320
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
11
°C/W
Typical Thermal Resistance Junction to Lead (Note 6)
RθJL
2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Notes:
6. Device mounted on 2 oz. PCB with heatsink 50mm*50mm*23mm.
7. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.40
0.48
0.34
0.53
0.39
V
IF = 10A, TA = +25°C
IF = 20A, TA = +25°C
IF = 10A, TA = +125°C
Leakage Current (Note 7)
IR
0.1
0.4
80
mA
VR = 60V , TA = +25°C
VR = 60V , TA = +125°C


Similar Part No. - SBRT20U60SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20U60SP5-7 DIODES-SBRT20U60SP5-7 Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5
April 2015
SBRT20U60SP5-7D DIODES-SBRT20U60SP5-7D Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5
April 2015
More results

Similar Description - SBRT20U60SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20M60SP5 DIODES-SBRT20M60SP5_15 Datasheet
464Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15U50SP5 DIODES-SBRT15U50SP5_15 Datasheet
463Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5_15 Datasheet
230Kb / 4P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15U100SP5 DIODES-SBRT15U100SP5_15 Datasheet
464Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20V60CT DIODES-SBRT20V60CT Datasheet
143Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20M60CT DIODES-SBRT20M60CT Datasheet
209Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20V45CT DIODES-SBRT20V45CT Datasheet
106Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ_15 Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLP DIODES-SBRT20U50SLP_15 Datasheet
545Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com