Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72850A Datasheet(PDF) 8 Page - NEC

Part # UPD72850A
Description  IEEE1394 400Mbps PHY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72850A Datasheet(HTML) 8 Page - NEC

Back Button UPD72850A Datasheet HTML 4Page - NEC UPD72850A Datasheet HTML 5Page - NEC UPD72850A Datasheet HTML 6Page - NEC UPD72850A Datasheet HTML 7Page - NEC UPD72850A Datasheet HTML 8Page - NEC UPD72850A Datasheet HTML 9Page - NEC UPD72850A Datasheet HTML 10Page - NEC UPD72850A Datasheet HTML 11Page - NEC UPD72850A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Data Sheet S14452EJ1V0DS00
8
µµµµPD72850A
1.2 Link Interface Pins
Name
Pin No.
I/O
Function
D0
15
I/O
Data input/output (bit 0)
D1
16
I/O
Data input/output (bit 1)
D2
18
I/O
Data input/output (bit 2)
D3
19
I/O
Data input/output (bit 3)
D4
21
I/O
Data input/output (bit 4)
D5
22
I/O
Data input/output (bit 5)
D6
24
I/O
Data input/output (bit 6)
D7
25
I/O
Data input/output (bit 7)
CTL0
12
I/O
Link interface control (bit 0)
CTL1
13
I/O
Llink interface control (bit 1)
LREQ
6
I
Link request input
SCLK
9
O
Link control output clock
LPS 1: 49.152 MHz output
LPS 0: Clamp to 0 (The clock signal will be output within 25
µsec after change
to “0”)
LPS
5
I
Link power status input
0: Link power off
1: Link power on (PHY/Link direct connection)
Clock signal of about 300 kHz (if isolation)
LKON
78
O
Link-on signal output pin
Link-on signal is 6.144 MHz clock output.
Please refer to 4.2 Link-on Indication.
Direct
77
I
PHY/Link isolation barrier control input
0: Isolation barrier
1: PHY/Link direct connection
1.3 Control Pins
Name
Pin No.
I/O
Function
PC0
2
I
PC1
1
I
PC2
79
I
Power class set input
This pin status will be loaded to Pwr_class bit which allocated to PHY register 4H.
IEEE1394-1995 chapter [4.3.4.1]
CMC
3
I
Configuration manager capable setting.
This pin status will be loaded to Contender bit which allocated to PHY register 4H.
0: Non contender
1: Contender
RESETB
30
I
Power on reset input.
Connect to DGND through a 0.1
µF capacitor.
0: Reset
1: Normal


Similar Part No. - UPD72850A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72850A RENESAS-UPD72850A Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
UPD72850AGK-9EU RENESAS-UPD72850AGK-9EU Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72850A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NEC
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
   IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821017-10 QUALTEK-1821017-10 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
logo
NEC
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
logo
Fujitsu Component Limit...
MB86616 FUJITSU-MB86616 Datasheet
605Kb / 63P
   IEEE1394-SCSI Tailgate
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
   IEEE1394 Open HCI Controller
logo
Yamaichi Electronics Co...
GBS006-0003-AS YAMAICHI-GBS006-0003-AS Datasheet
51Kb / 1P
   IEEE1394 (Fire Wire) - Plug and Receptacle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com