Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD7225G00 Datasheet(PDF) 43 Page - NEC

Part # UPD7225G00
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225G00 Datasheet(HTML) 43 Page - NEC

Back Button UPD7225G00 Datasheet HTML 39Page - NEC UPD7225G00 Datasheet HTML 40Page - NEC UPD7225G00 Datasheet HTML 41Page - NEC UPD7225G00 Datasheet HTML 42Page - NEC UPD7225G00 Datasheet HTML 43Page - NEC UPD7225G00 Datasheet HTML 44Page - NEC UPD7225G00 Datasheet HTML 45Page - NEC UPD7225G00 Datasheet HTML 46Page - NEC UPD7225G00 Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet S14308EJ6V0DS00
43
µµµµPD7225
11. PACKAGE DRAWINGS
µµµµPD7225G00
M
S
52 PIN PLASTIC QFP (14x14)
NOTES
1. Controlling dimension
millimeter.
2. Each lead centerline is located within 0.20 mm of
its true position (T.P.) at maximum material condition.
I
ITEM
MILLIMETERS
INCHES
B
14.0
±0.2
0.551
D
21.0
±0.4
0.827
±0.016
F
1.0
0.039
A
21.0
±0.4
0.827
±0.016
H
0.42
±0.08
0.017
I
0.20
0.008
Q
0.1
±0.1
0.004
±0.004
S
3.0 MAX.
0.119 MAX.
P52G-100-00-3
+0.009
−0.008
+0.003
−0.004
G
1.0
0.039
J
1.0 (T.P.)
0.039
K
3.5
±0.2
0.138+0.008
−0.009
L
2.2
±0.2
0.087+0.008
−0.009
detail of lead end
Q
K
L
P
H
G
F
S
J
N
C
14.0
±0.2
0.551+0.009
−0.008
M
0.17
0.007+0.003
−0.004
+0.08
−0.07
N
0.15
0.006
P
2.6
0.102+0.009
−0.004
+0.2
−0.1
39
40
26
27
1
52
14
13
S
A
B
CD
M


Similar Part No. - UPD7225G00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD7225G00 RENESAS-UPD7225G00 Datasheet
435Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD7225G00

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
   LCD Controller-Driver
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
   LCD controller/driver
1998 Jul 30
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
   LCD Controller/Driver
logo
Sanyo Semicon Device
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
   LCD Controller/Driver?
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
   LCD Controller-Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
   LCD controller/driver
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
   LCD Controller-Driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
   LCD Controller Driver
logo
Seiko Instruments Inc
S-4562A SII-S-4562A Datasheet
937Kb / 14P
   LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com