Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT3M60SA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBRT3M60SA
Description  3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3M60SA Datasheet(HTML) 3 Page - Diodes Incorporated

  SBRT3M60SA_15 Datasheet HTML 1Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 2Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 3Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 4Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is the registered trademark of Diodes Incorporated.
SBRT3M60SA
Document number: DS37696 Rev. 3 - 2
3 of 5
www.diodes.com
March 2015
© Diodes Incorporated
SBRT3M60SA
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Forward Characteristics
-55
25
85
150
125
100
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
25
85
100
150
125
VR, INSTANTANEOUS REVERSE VOLTAGE (%)
Figure 4. Typical Reverse Characteristics
10.0
100.0
1000.0
10000.0
0V
10V
20V
30V
40V
50V
60V
T
A=25℃
f=1MHz
V
R, DC REVERSE VOLTAGE (V)
Figure 5. Total Capacitance vs. Reverse Voltage


Similar Part No. - SBRT3M60SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M60SA-13 DIODES-SBRT3M60SA-13 Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
More results

Similar Description - SBRT3M60SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M30LP DIODES-SBRT3M30LP Datasheet
227Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M60SA DIODES-SBRT3M60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA_15 Datasheet
513Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M30LP DIODES-SBRT3M30LP_15 Datasheet
204Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M40SA DIODES-SBRT3M40SA_15 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U45SA DIODES-SBRT3U45SA_15 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U45SA DIODES-SBRT3U45SA Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3U45SAF DIODES-SBRT3U45SAF Datasheet
345Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3M40SA DIODES-SBRT3M40SA Datasheet
380Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com