Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3548-1
Description  Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3548-1_15 Datasheet HTML 1Page - Linear Technology LTC3548-1_15 Datasheet HTML 2Page - Linear Technology LTC3548-1_15 Datasheet HTML 3Page - Linear Technology LTC3548-1_15 Datasheet HTML 4Page - Linear Technology LTC3548-1_15 Datasheet HTML 5Page - Linear Technology LTC3548-1_15 Datasheet HTML 6Page - Linear Technology LTC3548-1_15 Datasheet HTML 7Page - Linear Technology LTC3548-1_15 Datasheet HTML 8Page - Linear Technology LTC3548-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3548-1
3
35481fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3548-1 is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the – 40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: The LTC3548-1 is tested in a proprietary test mode that connects
the output of the error amplifier to an outside servo-loop.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD
θJA).
Note 6: The DFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
VOUT1
Output Voltage
0°C ≤ TA ≤ 85°C (Note 3)
–40°C ≤ TA ≤ 85°C (Note 3)
1.764
1.755
1.8
1.8
1.836
1.836
V
V
VOUT2
Output Voltage
0°C ≤ TA ≤ 85°C (Note 3)
–40°C ≤ TA ≤ 85°C (Note 3)
1.544
1.536
1.575
1.575
1.607
1.607
V
V
ΔVLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%/V
ΔVLOAD REG
Output Voltage Load Regulation
(Note 3)
0.5
%
IS
Input DC Supply Current
Active Mode
Sleep Mode
Shutdown
(Note 4)
VOUT1 = 1.5V, VOUT2 = 1.3V
VOUT1 = 1.9V, VOUT2 = 1.65V
RUN = 0V, VIN = 5.5V
700
40
0.1
950
60
1
μA
μA
μA
fOSC
Oscillator Frequency
VOUT1 = 1.8V, VOUT2 = 1.575V
1.8
2.25
2.7
MHz
ILIM
Peak Switch Current Limit Channel 1
Peak Switch Current Limit Channel 2
VIN = 3V, Duty Cycle <35%
VIN = 3V, Duty Cycle <35%
0.95
0.6
1.2
0.7
1.6
0.9
A
A
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
(Note 6)
(Note 6)
0.35
0.30
0.45
0.45
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VOUT1 = VOUT2 = 0
0.01
1
μA
VRUN
RUN Threshold
0.3
1
1.5
V
IRUN
RUN Leakage Current
0.01
1
μA
VMODE
Mode Threshold Low
Mode Threshold High
0
VIN – 0.5
0.5
VIN
V
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode Operation
Load Step
Load Step
3548-1 G01
VIN = 3.6V
VOUT1 = 1.8V
ILOAD = 60mA
CHANNEL 1; CIRCUIT OF FIGURE 3
SW
5V/DIV
VOUT1
20mV/DIV
IL
200mA/DIV
2μs/DIV
3548-1 G02
VIN = 3.6V
VOUT1 = 1.8V
ILOAD = 80mA TO 800mA
CHANNEL 1; CIRCUIT OF FIGURE 3
ILOAD
80mA TO
800mA
500mA/DIV
VOUT1
200mV/DIV
IL
500mA/DIV
20μs/DIV
3548-1 G03
VIN = 3.6V
VOUT2 = 1.575V
ILOAD = 40mA TO 400mA
CHANNEL 2; CIRCUIT OF FIGURE 3
ILOAD
40mA TO
400mA
200mA/DIV
VOUT2
200mV/DIV
IL
200mA/DIV
20μs/DIV
TA = 25°C unless otherwise specified.


Similar Part No. - LTC3548-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-2 LINER-LTC3548-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3548-2 LINER-LTC3548-2_15 Datasheet
414Kb / 16P
   Dual Synchronous, Fixed /Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com