Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3542-1
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3542-1 Datasheet HTML 7Page - Linear Technology LTC3542-1 Datasheet HTML 8Page - Linear Technology LTC3542-1 Datasheet HTML 9Page - Linear Technology LTC3542-1 Datasheet HTML 10Page - Linear Technology LTC3542-1 Datasheet HTML 11Page - Linear Technology LTC3542-1 Datasheet HTML 12Page - Linear Technology LTC3542-1 Datasheet HTML 13Page - Linear Technology LTC3542-1 Datasheet HTML 14Page - Linear Technology LTC3542-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3542-1
11
35421f
Mode Selection and Frequency Synchronization
The MODE/SYNC pin is a multipurpose pin that provides
mode selection and frequency synchronization. Connect-
ing this pin to GND enables Burst Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. Connecting this pin to VIN
selects pulse skip mode operation, which provides the low-
est output ripple at the cost of low current efficiency. The
LTC3542-1 can also be synchronized to an external clock
signal with range from 1MHz to 3MHz by the MODE/SYNC
pin. During synchronization, the mode is set to pulse skip
and the top switch turn-on is synchronized to the falling
edge of the external clock.
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of
the losses in LTC3542-1 circuits: 1) VIN quiescent current,
2) I2R loss and 3) switching loss. VIN quiescent current
loss dominates the power loss at very low load currents,
whereas the other two dominate at medium to high load
currents. In a typical efficiency plot, the efficiency curve
at very low load currents can be misleading since the
actual power loss is of no consequence as illustrated in
Figure 2.
1) The VIN quiescent current is the DC supply current given
in the Electrical Characteristics which excludes MOSFET
charging current. VIN current results in a small (<0.1%)
loss that increases with VIN, even at no load.
2) I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL. In
continuous mode, the average output current flows through
inductor L, but is “chopped” between the internal top and
bottom switches. Thus, the series resistance looking into
the SW pin is a function of both top and bottom MOSFET
RDS(ON) and the duty cycle (D) as follows:
RSW = (RDS(ON)TOP)(D) + (RDS(ON)BOT)(1 – D)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
Figure 2. Power Loss vs Load Current
APPLICATIONS INFORMATION
LOAD CURRENT (mA)
0.1
0.1
10
1000
1
10
100
1000
35421 F02
VIN = 3.6V
FIGURE 3a CIRCUIT


Similar Part No. - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com