Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526LB-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3526LB-2
Description  550mA 2MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3526LB-2 Datasheet HTML 2Page - Linear Technology LTC3526LB-2 Datasheet HTML 3Page - Linear Technology LTC3526LB-2 Datasheet HTML 4Page - Linear Technology LTC3526LB-2 Datasheet HTML 5Page - Linear Technology LTC3526LB-2 Datasheet HTML 6Page - Linear Technology LTC3526LB-2 Datasheet HTML 7Page - Linear Technology LTC3526LB-2 Datasheet HTML 8Page - Linear Technology LTC3526LB-2 Datasheet HTML 9Page - Linear Technology LTC3526LB-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3526L-2/LTC3526LB-2

3526lb2fa
pin FuncTions
SW(Pin1):SwitchPin.ConnectinductorbetweenSWand
VIN. Keep PCB trace lengths as short and wide as possible
to reduce EMI. If the inductor current falls to zero or SHDN
is low, an internal anti-ringing switch is connected from
SW to VIN to minimize EMI.
GND(Pin2,ExposedPadPin7):SignalandPowerGround.
Provide a short direct PCB path between GND and the
(–) side of the input and output capacitors. The Exposed
Pad must be soldered to the PCB ground plane. It serves
as an additional ground connection and as a means of
conducting heat away from the package.
VIN (Pin 3): Input Supply Pin. Connect a minimum of 1µF
ceramic decoupling capacitor from this pin to ground
using short direct PCB traces.
SHDN (Pin 4): Logic Controlled Shutdown Input. There
is an internal 4M
Ω pull-down on this pin.
• SHDN = High: Normal operation
• SHDN = Low: Shutdown, quiescent current < 1µA
FB (Pin 5): Feedback Input to the gm Error Amplifier. Con-
nect resistor divider tap to this pin. The top of the divider
connects to the output capacitor, the bottom of the divider
connectstoGND.ReferringtotheBlockDiagram,theoutput
voltage can be adjusted from 1.5V to 5.25V by:
V
V
R
R
OUT =
+


1 195
1
2
1
.
VOUT(Pin6):Outputvoltagesenseanddrainoftheinternal
synchronous rectifier. PCB trace from VOUT to the output
filter capacitor (4.7µF minimum) should be as short and
wide as possible.
Load Step Response (from Burst
Mode Operation) (LTC3526L-2)
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 1.2V
VOUT = 3.3V
50mA TO 100mA STEP
COUT = 4.7µF
3526lb2 G21
VOUT
100mV/DIV
AC-COUPLED
LOAD
CURRENT
50mA/DIV
50µs/DIV
VIN = 1.2V
VOUT = 3.3V
5mA TO 100mA STEP
COUT = 10µF
3526lb2 G22
VOUT
100mV/DIV
AC-COUPLED
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
Load Step Response (from Burst
Mode Operation) (LTC3526L-2)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 3.6V
VOUT = 5V
20mA TO 170mA STEP
COUT = 10µF
3526lb2 G19
VOUT
100mV/DIV
AC-COUPLED
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 3.6V
VOUT = 5V
50mA TO 150mA STEP
COUT = 4.7µF
3526lb2 G20
VOUT
100mV/DIV
AC-COUPLED


Similar Part No. - LTC3526LB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526LB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com