Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3526-2
Description  500mA 2MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3526-2 Datasheet HTML 3Page - Linear Technology LTC3526-2 Datasheet HTML 4Page - Linear Technology LTC3526-2 Datasheet HTML 5Page - Linear Technology LTC3526-2 Datasheet HTML 6Page - Linear Technology LTC3526-2 Datasheet HTML 7Page - Linear Technology LTC3526-2 Datasheet HTML 8Page - Linear Technology LTC3526-2 Datasheet HTML 9Page - Linear Technology LTC3526-2 Datasheet HTML 10Page - Linear Technology LTC3526-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3526-2/LTC3526B-2

35262b2fc
3
+
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
1.195V
4M
SHDN
VBEST
START-UP
2MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN
1
6
SW
VOUT
L1
2.2µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT
5
7
GND
35262b2 BD
2
FB
R2
COUT
4.7µF
VOUT
1.6V
TO 5.25V
R1
4
CIN
2.2µF
VIN
0.85V
TO 5V
block DiAgrAM
(Refer to Block Diagram)
operAtion
TheLTC3526-2/LTC3526B-2are2MHzsynchronousboost
convertershousedina6-lead2mm
×2mmDFNpackage.
Withtheabilitytostartupandoperatefrominputsless
than 1V, these devices feature fixed frequency, current
modePWMcontrolforexceptionallineandloadregula-
tion.Thecurrentmodearchitecturewithadaptiveslope
compensationprovidesexcellenttransientloadresponse,
requiringminimaloutputfiltering.Internalsoft-startand
internalloopcompensationsimplifiesthedesignprocess
whileminimizingthenumberofexternalcomponents.
WithitslowRDS(ON)andlowgatechargeinternalN-chan-
nelMOSFETswitchandP-channelMOSFETsynchronous
rectifier,theLTC3526-2achieveshighefficiencyoverawide
rangeofloadcurrents.AutomaticBurstModeoperation
maintains high efficiency at very light loads, reducing
thequiescentcurrenttojust9µA.Operationcanbebest
understoodbyreferringtotheBlockDiagram.
LOW VOLTAGE START-UP
TheLTC3526-2/LTC3526B-2includeanindependentstart-
uposcillatordesignedtostartupataninputvoltageof
0.85V(typical).Soft-startandinrushcurrentlimitingare
providedduringstart-up,aswellasnormalmode.
When either VIN or VOUT exceeds 1.4V typical, the IC
entersnormaloperatingmode.Whentheoutputvoltage


Similar Part No. - LTC3526-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com