Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72107CW Datasheet(PDF) 11 Page - NEC

Part # UPD72107CW
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107CW Datasheet(HTML) 11 Page - NEC

Back Button UPD72107CW Datasheet HTML 7Page - NEC UPD72107CW Datasheet HTML 8Page - NEC UPD72107CW Datasheet HTML 9Page - NEC UPD72107CW Datasheet HTML 10Page - NEC UPD72107CW Datasheet HTML 11Page - NEC UPD72107CW Datasheet HTML 12Page - NEC UPD72107CW Datasheet HTML 13Page - NEC UPD72107CW Datasheet HTML 14Page - NEC UPD72107CW Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
µPD72107
SDIP
QFP
QFJ
Active
Pin No.
Pin No.
Pin No.
Level
RxD
3
14
4
I
A serial receive data input pin.
(Receive Data)
RxC
2
13
3
I
When CLK is set to 01 or 10 by “operation mode
(Receive Clock)
setting LCW”
Sixteen times the clock input of the transmit/receive
clock for the on-chip DPLL of the
µPD72107
When CLK is set to 00 by “operation mode setting
LCW”
One time the clock input of the receive clock
Remark LCW: abbreviation for Link Command Word
1.2 Pin Status after Reset of
µPD72107
The status of the output pins and input/output pins after reset in the
µPD72107 is as shown in Table 1-1.
Table 1-1. Pin Status after Reset
Pin Number
64-pin SDIP
80-pin QFP
68-pin QFJ
4
16
6
TxC
I/ONote
High impedance
5
17
7
TxD
O
H
15, 16
30, 31
17, 18
A0, A1
I/ONote
High impedance
17 to 30
32 to 47
19 to 32
A2 to A15
ONote
High impedance
(except 40, 41)
31 to 38
48 to 58
33 to 41
A16D8 to A23D15
I/ONote
High impedance
(except 50, 51, 55)
(except 35)
39 to 46
59 to 67
42 to 49
D0 to D7
I/ONote
High impedance
(except 61)
52
75
56
MRD
ONote
High impedance
53
76
57
MWR
ONote
High impedance
54
77
58
UBE
I/ONote
High impedance
55
78
59
INT
O
L
57
2
61
HLDRQ
O
L
60
5
64
ASTB
O
L
61
6
65
AEN
O
L
64
10
68
RTS
O
H
Note 3-state
Remarks 1. The status after reset is released is the same as the status during reset.
2. Input low level to the RESET pin for more than 7 clocks of the system clock.
I/O
Pin Name
Function
Pin Name
During Reset
I/O


Similar Part No. - UPD72107CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPD7210C ETC1-UPD7210C Datasheet
72Kb / 2P
   GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
UPD7210D ETC1-UPD7210D Datasheet
72Kb / 2P
   GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
More results

Similar Description - UPD72107CW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
   SMART ACCESS CONTROLLER (SAC??
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
   Industrial wireless access controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com