Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72001GC-11-3B6 Datasheet(PDF) 7 Page - NEC

Part # UPD72001GC-11-3B6
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001GC-11-3B6 Datasheet(HTML) 7 Page - NEC

Back Button UPD72001GC-11-3B6 Datasheet HTML 3Page - NEC UPD72001GC-11-3B6 Datasheet HTML 4Page - NEC UPD72001GC-11-3B6 Datasheet HTML 5Page - NEC UPD72001GC-11-3B6 Datasheet HTML 6Page - NEC UPD72001GC-11-3B6 Datasheet HTML 7Page - NEC UPD72001GC-11-3B6 Datasheet HTML 8Page - NEC UPD72001GC-11-3B6 Datasheet HTML 9Page - NEC UPD72001GC-11-3B6 Datasheet HTML 10Page - NEC UPD72001GC-11-3B6 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
µPD72001-11, 72001-A8
7
1. PIN FUNCTIONS
The functions of the MPSC can be broadly classified into “system interface functions” that control interfacing with
the host system, and “transmission/reception functions” to transmit or receive data. This section explains the functions
of the pins of the MPSC by classifying the pins into those related to system interfacing and those related to transmission
and reception.
Hereafter, “H” (voltage level satisfying VIH in the case of an input pin, or voltage level satisfying VOH in the case
of an output pin) and “L” (voltage level satisfying VIL in the case of an input pin, or voltage level satisfying VOL in the
case of an output pin) are used to indicate the input/output status of a pin.
1.1 Pins Related to System Interface
(1) VDD
Supply voltage pin
(2) GND
GND pin
(3) RESET ... Input
This pin inputs a signal from an external device to reset the MPSC. When “L” is input to this pin for the duration
of 2 clock cycles (2tCYK) or longer, the MPSC is reset (this is called system reset).
As a result of system reset, the transmitter, receiver, and interrupt/DMA functions of the MPSC are disabled, and
the TXD pin and general-purpose output pins go high. In this case, because all bits of the control register (CR)
are also reset, CR must be set again if a system reset has been executed.
Table 1-1 shows the status of each pin at system reset, in comparison with the pin status at channel reset (CR0:
D5, D4, D3 = “0, 1, 1”).
The MPSC automatically enters the standby mode at system reset, lowering the power consumption from that
in the normal operation mode.


Similar Part No. - UPD72001GC-11-3B6

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720100A NEC-UPD720100A Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100A RENESAS-UPD720100A Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8ED NEC-UPD720100AGM-8ED Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100AGM-8ED RENESAS-UPD720100AGM-8ED Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8EY NEC-UPD720100AGM-8EY Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD72001GC-11-3B6

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
   Multi-Protocol Serial Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
   MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
   MGM240S Multi-Protocol Wireless
Rev. 1.0
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com