Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42551 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE42551
Description  RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42551 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

  PE42551_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product Specification
PE42551
Page 7 of 9
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0350-02 │ UltraCMOS® RFIC Solutions
Typical Performance Data
Figure 15. Return Loss: RF1 @ 25°C
(RFC-RF1 Active Path)
Figure 16. Return Loss: RF1 @ 2.75V
(RFC-RF1 Active Path)
Figure 17. Return Loss: RF2 @ 25°C
(RFC-RF2 Active Path)
Figure 18. Return Loss: RF2 @ 2.75V
(RFC-RF2 Active Path)


Similar Part No. - PE42551_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42551 PSEMI-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
More results

Similar Description - PE42551_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
   RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
   RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_15 Datasheet
276Kb / 8P
   RF Switch
PE4272 PEREGRINE-PE4272_15 Datasheet
223Kb / 10P
   RF Switch
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
   RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com