Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3454 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3454_15 Datasheet HTML 4Page - Linear Technology LTC3454_15 Datasheet HTML 5Page - Linear Technology LTC3454_15 Datasheet HTML 6Page - Linear Technology LTC3454_15 Datasheet HTML 7Page - Linear Technology LTC3454_15 Datasheet HTML 8Page - Linear Technology LTC3454_15 Datasheet HTML 9Page - Linear Technology LTC3454_15 Datasheet HTML 10Page - Linear Technology LTC3454_15 Datasheet HTML 11Page - Linear Technology LTC3454_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3454
8
3454fa
APPLICATIONS INFORMATION
Boost Mode (VIN < VOUT)
In boost mode, switch A is always on and switch B is always
off. Referring to Figure 2, when the control voltage VC is
above voltage V3, switches C and D will alternate conduct-
ing similar to a typical synchronous boost regulator. The
maximum duty cycle of the converter is limited to 88%
typical and is reached when VC is above V4.
Forward Current Limit
If the current delivered from VIN through PMOS switch A
exceeds 3.4A (typical), switch A is shut off immediately.
Switches B and D are turned on for the remainder of the
cycle in order to safely discharge the forward inductor
current at the maximum rate possible.
Reverse Current Limit
If the current delivered from VOUT backwards through
PMOS switch D exceeds 275mA (typical), switch D is
shut off immediately. Switches A and C are turned on for
the remainder of the cycle in order to safely discharge the
reverse inductor current at the maximum rate possible.
Undervoltage Lockout
To prevent operation of the power switches at high RDS(ON),
an undervoltage lockout is incorporated on the LTC3454.
When the input supply voltage drops below approximately
1.90V, the four power switches and all control circuitry are
turned off except for the undervoltage block, which draws
a few microamperes.
Overtemperature Protection
If the junction temperature of the LTC3454 exceeds 130°C
for any reason, all four switches are shut off immediately.
The overtemperature protection circuit has a typical hys-
teresis of 11°C.
Soft-Start
The LTC3454 includes an internally fixed soft-start which
is active when powering up or coming out of shutdown.
The soft-start works by clamping the voltage on the VC
node and gradually releasing it such that it requires 200μs
to linearly slew from 0.9V to 2.1V. This has the effect of
limiting the rate of duty cycle change as VC transitions
from the buck region through the buck-boost region into
the boost region. Once the soft-start times out, it can only
be reset by entering shutdown, or by an undervoltage or
overtemperature condition.
Autozero Error Amp
The error amplifier is an autozeroing transconductance
amp with source and sink capability. The output of this
amplifier drives a capacitor to GND at the VC pin. This
capacitor sets the dominant pole for the regulation loop.
(See the Applications Information section for selecting
the capacitor value). The feedback signal to the error
amp is developed across a resistor through which LED
current flows.
Safety Error Amp
The safety error amplifier is a transconductance amplifier
with sink only capability. In normal operation, it has no
effect on the loop regulation. However, if the LED pin open-
circuits, the output voltage will keep rising, and the safety
error amp will eventually take over control of the regulation
loop to prevent VOUT runaway. The VOUT threshold at which
this occurs is approximately 5.15V.
LED Current Programming and Enable Circuit
Two enable pins work in conjunction with dual external
resistors to program LED current to one of three nonzero
settings. The table below explains how the current can
be set.
EN1
EN2
ILOAD (A)
GND
GND
0 (SHUTDOWN)
VIN
GND
3850 • 0.8V/RISET1
GND
VIN
3850 • 0.8V/RISET2
VIN
VIN
3850 • (0.8V/RISET1 + 0.8V/RISET2)
With either enable pin pulled high, the buck-boost will
regulate the output voltage at the current programmed
by RISET1 and/or RISET2.
With both enable pins pulled to GND, the LTC3454 is in
shutdown and draws zero current. The enable pins are
high impedance inputs and should not be floated.


Similar Part No. - LTC3454_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454EDD LINER-LTC3454EDD Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
More results

Similar Description - LTC3454_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com