Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3444 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3444
Description  Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3444 Datasheet(HTML) 5 Page - Linear Technology

  LTC3444 Datasheet HTML 1Page - Linear Technology LTC3444 Datasheet HTML 2Page - Linear Technology LTC3444 Datasheet HTML 3Page - Linear Technology LTC3444 Datasheet HTML 4Page - Linear Technology LTC3444 Datasheet HTML 5Page - Linear Technology LTC3444 Datasheet HTML 6Page - Linear Technology LTC3444 Datasheet HTML 7Page - Linear Technology LTC3444 Datasheet HTML 8Page - Linear Technology LTC3444 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3444
3444fb
PI FU CTIO S
SHDN (Pin 1): Shutdown Function. A logic low input shuts
down the IC. A logic high input enables the IC and starts
the internal soft-start function by limiting the rise time of
the internal PWM command.
SW1 (Pin 2): Switch Pin Where the Internal Switches A
and B are Connected. Connect inductor from SW1 to SW2.
An optional Schottky diode can be connected from ground
to SW1 for a moderate efficiency improvement. Minimize
trace length to minimize EMI.
GND (Pin 3): Ground Pin for the IC.
SW2 (Pin 4): Switch Pin Where the Internal Switches C
and D are Connected. An optional Schottky diode can be
connected from SW2 to VOUT for a moderate efficiency
improvement. Minimize trace length to keep EMI down.
VOUT (Pin 5): Output of the Synchronous Rectifier. A filter
capacitor is placed from VOUT to GND. A ceramic bypass
capacitor is recommended as close to the VOUT and GND
pins as possible.
VIN (Pin 6): Input Supply Pin. Internal VCC for the IC. A
4.7
μF ceramic capacitor is recommended as close to VIN
and GND as possible.
VC (Pin 7): Error Amp Output. Pull VC to ground to select
internal loop compensation. External compensation may
be connected from VC to FB. Internal compensation will be
disabled if VC is tied to an external compensation network.
FB (Pin 8): Feedback Pin. Connect resistive divider tap
here. The output voltage can be adjusted from 0.5V to 5V.
The feedback reference voltage is typically 1.22V.
GND (Pin 9, Exposed Pad): Solder to Board GND.


Similar Part No. - LTC3444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3444 LINER-LTC3444 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3444 LINER-LTC3444 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3444EDD LINER-LTC3444EDD Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
More results

Similar Description - LTC3444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com