Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3422 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology LTC3422 Datasheet HTML 10Page - Linear Technology LTC3422 Datasheet HTML 11Page - Linear Technology LTC3422 Datasheet HTML 12Page - Linear Technology LTC3422 Datasheet HTML 13Page - Linear Technology LTC3422 Datasheet HTML 14Page - Linear Technology LTC3422 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3422
11
3422fa
OPERATIO
APPLICATIO S I FOR ATIO
the input source. It also allows for inrush current limiting
at turn-on, minimizing surge currents seen by the input
supply. Note that to obtain the advantages of output
disconnect, there must not be any external Schottky
diodes connected between the SW pin and VOUT.
Note: Board layout is extremely critical to minimize voltage
overshoot on SW due to stray inductance. Keep the output
filter capacitors as close as possible to VOUT and use very
low ESR/ESL ceramic capacitors tied to a good ground
plane.
where:
f = Operating Frequency in MHz
Ripple = Allowable Inductor Current Ripple (Amps
Peak-Peak)
VIN(MIN) = Minimum Input Voltage
VOUT(MAX) = Maximum Output Voltage
The inductor current ripple is typically set 20% to 40% of
the maximum inductor current.
For high efficiency, choose an inductor with high fre-
quency core material, such as ferrite, to reduce core
losses. The inductor should have low ESR (equivalent
series resistance) to reduce the I2R losses and must be
able to handle the peak inductor current without saturat-
ing. Molded chokes or chip inductors usually do not have
enough core to support peak inductor currents in the 2A
to 3A region. To minimize radiated noise, use a toroidal or
shielded inductor. See Table 1 for suggested inductor
suppliers and Table 2 for a list of capacitor suppliers.
Table 1. Inductor Vendor Information
SUPPLIER PHONE
FAX
WEB SITE
Coilcraft
(847) 639-6400
(847) 639-1469 www.coilcraft.com
CoEv
(800) 277-7040
(650) 361-2508 www.circuitprotection.
Magnetics
com/magnetics.asp
Murata
USA:
USA:
www.murata.com
(814) 237-1431
(814) 238-0490
(800) 831-9172
Sumida
USA:
USA:
www.sumida.com
(847) 956-0666
(847) 956-0702
Japan:
Japan:
81-3-3607-5111 81-3-3607-5144
TDK
(847) 803-6100
(847) 803-6296 www.component.tdk.com
TOKO
(847) 297-0070
(847) 669-7864 www.toko.com
Wurth
(201) 785-8800
(201) 785-8810 www.we-online.com
SW
1
VIN
VIN
2
BURST
3
SS
4
SHDN
MULTIPLE VIAS
TO GROUND PLANE
LTC3422
VOUT
VOUT
SYNC
RT
VC
FB
3422 F01
5
10
9
8
7
6
Figure 1. Recommended Component Placement. Traces
Carrying High Current are Direct (GND, SW, VIN, VOUT). Trace
Area at FB and VC are Kept Low. Lead Length to Battery Should
be Kept Short. VIN and VOUT Ceramic Capacitors Should be as
Close to the LTC3422 Pins as Possible
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3422 allows the
use of small surface mount inductors. The minimum
inductance value is proportional to the operating fre-
quency and is limited by the following constraints:
L
VV
OUT MAX
IN MIN
>
()
3
ƒƒ
and L >
V
• Ripple • V
IN(MIN)
OUT(MAX)
•–
()
(
)
It should also be noted that the LTC3422 provides inrush
current limiting without reducing the maximum load cur-
rent capability during start-up. The internally set peak
current command of the LTC3422 is allowed to gradually
increase during the soft-start period until it reaches the
nominal maximum level.


Similar Part No. - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422EDD LINER-LTC3422EDD Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com