Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4302 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE4302
Description  RF Digital Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4302 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button PE4302_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4302_15 Datasheet HTML 10Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
PE4302
Page 7 of 11
Document No. 70-0056-04
│ www.psemi.com
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
PE4302 Digital Step Attenuator.
J9 is used in conjunction with the supplied DC
cable to supply VDD, GND, and –VDD. If use of
the internal negative voltage generator is desired,
then connect –VDD (Black banana plug) to
ground. If an external –VDD is desired, then apply
-3V.
J1 should be connected to the parallel port of a
PC with the supplied ribbon cable. The evaluation
software is written to operate the DSA in serial
mode, so Switch 7 (P/S) on the DIP switch SW1
should be ON with all other switches off. Using the
software, enable or disable each attenuation
setting to the desired combined attenuation. The
software automatically programs the DSA each
time an attenuation state is enabled or disabled.
To evaluate the Power Up options, first disconnect
the parallel ribbon cable from the evaluation
board. The parallel cable must be removed to
prevent the PC parallel port from biasing the
control pins.
During power up with P/S=1 high and LE=0 or P/
S=0 low and LE=1, the default power-up signal
attenuation is set to the value present on the six
control bits on the six parallel data inputs (C0.5 to
C16). This allows any one of the 64 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the
control bits are automatically set to one of four
possible values presented through the PUP
interface. These four values are selected by the
two power-up control bits, PUP1 and PUP2, as
shown in the Table 6.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to Pin 1 & 3 (Figure
16) will eliminate package resonance between the
RF input pin and the two digital inputs. Specified
attenuation error versus frequency performance is
dependent upon this condition.
Figure 15. Evaluation Board Layout
Figure 16. Evaluation Board Schematic
Z=50 Ohm
PUP2
J5
SMA
1
C2
C16
CLK
100 pF
DATA
C4
C0.5
10k
10k
C8
Z=50 Ohm
PUP1
PS
C1
VDD
U1
MLPQ4X4
1
2
3
4
5
11
12
13
14
15
C16
RFin
DATA
CLK
LE
GND
Vss/GND
PS
RFout
C8
LE
J4
SMA
1
Note: Resistors on pins 1 and 3 are required to avoid package
resonance and meet error specifications over frequency.
Peregrine Specification 101/0112
Peregrine Specification 102/0144


Similar Part No. - PE4302_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE4302_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com