Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4268 Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # PE4268
Description  Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

PE4268 Datasheet(HTML) 6 Page - Lucky Light Electronic

Back Button PE4268_15 Datasheet HTML 2Page - Lucky Light Electronic PE4268_15 Datasheet HTML 3Page - Lucky Light Electronic PE4268_15 Datasheet HTML 4Page - Lucky Light Electronic PE4268_15 Datasheet HTML 5Page - Lucky Light Electronic PE4268_15 Datasheet HTML 6Page - Lucky Light Electronic PE4268_15 Datasheet HTML 7Page - Lucky Light Electronic PE4268_15 Datasheet HTML 8Page - Lucky Light Electronic PE4268_15 Datasheet HTML 9Page - Lucky Light Electronic PE4268_15 Datasheet HTML 10Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product Specification
PE4268
Page 6 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0165-03
│ UltraCMOS™ RFIC Solutions
-75
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
-40°C 2fo
+25°C 2fo
+85°C 2fo
-40°C 3fo
+25°C 3fo
+85°C 3fo
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
2.4 V 2f o
2.6 V 2f o
2.8 V 2f o
2.4 V 3f o
2.6 V 3f o
2.8 V 3f o
-75
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
2.4 V 2fo
2.6 V 2fo
2.8 V 2fo
2.4 V 3fo
2.6 V 3fo
2.8 V 3 f o
-40
-30
-20
-10
0
0
1000
2000
3000
4000
Frequency (MHz)
ANT, RX 1
RX 1
TX 1
Typical Performance Data @ VDD = 2.6 V, 25 °C (Unless otherwise noted)°
Figure 11. TX Harmonics 915MHz
Figure 13. TX Harmonics 1900MHz
Figure 12. TX Harmonics 915MHz
Figure 10. Return Loss: Worse Case Paths
Over VDD
Over VDD
Over Temp


Similar Part No. - PE4268_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268_15 Datasheet
308Kb / 11P
   2.6 V Switch
More results

Similar Description - PE4268_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
logo
Lucky Light Electronic
PE4256 LUCKY-LIGHT-PE4256_15 Datasheet
295Kb / 8P
   Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270_15 Datasheet
428Kb / 8P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com