Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3210-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3210-2
Description  MAIN/CAM LED Controllers with 32-Step Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3210-2 Datasheet HTML 5Page - Linear Technology LTC3210-2 Datasheet HTML 6Page - Linear Technology LTC3210-2 Datasheet HTML 7Page - Linear Technology LTC3210-2 Datasheet HTML 8Page - Linear Technology LTC3210-2 Datasheet HTML 9Page - Linear Technology LTC3210-2 Datasheet HTML 10Page - Linear Technology LTC3210-2 Datasheet HTML 11Page - Linear Technology LTC3210-2 Datasheet HTML 12Page - Linear Technology LTC3210-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3210-2/LTC3210-3

321023fb
operaTion
Power Management
The LTC3210-2/LTC3210-3 uses a switched capacitor
chargepumptoboostCPOtoasmuchas2timesthe
inputvoltageupto5.1V.Thepartstartsupin1xmode.In
thismode,VBATisconnecteddirectlytoCPO.Thismode
providesmaximumefficiencyandminimumnoise.The
LTC3210-2/LTC3210-3willremainin1xmodeuntilanLED
currentsourcedropsout.Dropoutoccurswhenacurrent
source voltage becomes too low for the programmed
current to be supplied. When dropout is detected, the
LTC3210-2/LTC3210-3 will switch into 1.5x mode. The
CPOvoltagewillthenstarttoincreaseandwillattempt
toreach1.5xVBATupto4.6V.Anysubsequentdropout
willcausetheparttoenterthe2xmode.TheCPOvoltage
willattempttoreach2xVBATupto5.1V.Thepartwillbe
resetto1xmodewheneverthepartisshutdownorwhen
ENCgoeslow.
Atwophasenonoverlappingclockactivatesthecharge
pumpswitches.Inthe2xmodetheflyingcapacitorsare
chargedonalternateclockphasesfromVBATtominimize
inputcurrentrippleandCPOvoltageripple.In1.5xmodethe
flyingcapacitorsarechargedinseriesduringthefirstclock
phaseandstackedinparallelonVBATduringthesecond
phase.Thissequenceofcharginganddischargingtheflying
capacitorscontinuesataconstantfrequencyof800kHz.
LED Current Control
TheMLEDcurrentsaredeliveredbythefourprogram-
mablecurrentsources.32linearcurrentsettings(0mA
to20mA,RM=30.1k)areavailablebystrobingtheENM
pin.Eachpositivestrobeedgedecrementsa5-bitdown
Figure 1. Current Programming Timing Diagram
counter which controls a 5-bit linear DAC. When the
desiredcurrentisachievedENMisstoppedhigh.The
outputcurrentthenchangestotheprogrammedvalue
after150µs(typ).ThecounterwillstopwhentheLSB
isreached.Theoutputcurrentissetto0whenENMis
toggledlowaftertheoutputhasbeenenabled.Ifstrobing
isstartedwithin150µs(typ),afterENMhasbeensetlow,
thecounterwillcontinuetocountdown.After150µs(typ)
thecounterisreset.
TheCLEDcurrentisdeliveredbyaprogrammablecurrent
source.Eightlinearcurrentsettings(0mAto380mA,RC
=24.3k)areavailablebystrobingtheENCpin.Eachposi-
tivestrobeedgedecrementsa3-bitdowncounterwhich
controlsa3-bitlinearDAC.Whenthedesiredcurrentis
reached,ENCisstoppedhigh.Theoutputcurrentthen
changestotheprogrammedvalueafter150µs(typ).The
counterwillstopwhentheLSBisreached.Theoutput
currentissetto0whenENCistoggledlowaftertheoutput
hasbeenenabled.Ifstrobingisstartedwithin150µs(typ)
afterENChasbeensetlow,thecounterwillcontinueto
countdown.After150µs(typ)thecounterisreset.
Thefull-scaleoutputcurrentiscalculatedasfollows:
MLEDfull-scaleoutputcurrent
=(1.215V/(RM+500))•525
CLEDfull-scaleoutputcurrent
=(1.215V/(RC+500))•7700
WhenbothENMandENCareheldlowformorethan
150µs(typ)thepartwillgointoshutdown.SeeFigure1
fortiminginformation.
ENCresetsthemodeto1xonafallingedge.
tPW ≥ 200ns
ENM = ENC = LOW
SHUTDOWN
tEN 150µs (TYP)
tSD 150µs (TYP)
PROGRAMMED
CURRENT
ENM
OR ENC
LED
CURRENT
321023 F01


Similar Part No. - LTC3210-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
More results

Similar Description - LTC3210-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091_13 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com