Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-D80E-21UR-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-D80E-21UR-XX
Description  20.3mm (0.80) Dual digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D80E-21UR-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-D80E-21UR-XX Datasheet HTML 1Page - BetLux Electronics BL-D80E-21UR-XX Datasheet HTML 2Page - BetLux Electronics BL-D80E-21UR-XX Datasheet HTML 3Page - BetLux Electronics BL-D80E-21UR-XX Datasheet HTML 4Page - BetLux Electronics BL-D80E-21UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 2 DIGIT
BL-D80X-21
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-D80E-21UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D80E-21UR BETLUX-BL-D80E-21UR Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D80E-21UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D80C-21 BETLUX-BL-D80C-21 Datasheet
329Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
BL-D80A-21 BETLUX-BL-D80A-21 Datasheet
327Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
logo
LUMEX INC.
LDD-A812RI LUMEX-LDD-A812RI Datasheet
127Kb / 1P
   0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A814RI LUMEX-LDD-A814RI Datasheet
59Kb / 1P
   0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A816RI LUMEX-LDD-A816RI Datasheet
58Kb / 1P
   0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
logo
BetLux Electronics
BL-T80A-31 BETLUX-BL-T80A-31 Datasheet
308Kb / 5P
   20.30mm (0.80) Three digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-A854RD BRIGHT-BS-A854RD Datasheet
166Kb / 3P
   20.3mm (0.80) high single digit seven segments display
logo
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
   0.80 SEVEN SEGMENT, LED DISPLAY
logo
BetLux Electronics
BL-D80A-22 BETLUX-BL-D80A-22 Datasheet
325Kb / 5P
   20.3mm (0.80) Dual digit numeric display series
BL-Q80A-41 BETLUX-BL-Q80A-41 Datasheet
313Kb / 5P
   20.3mm (0.8) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com