Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS240LQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLS240LQ
Description  2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS240LQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLS240LQ_15 Datasheet HTML 1Page - Diodes Incorporated DFLS240LQ_15 Datasheet HTML 2Page - Diodes Incorporated DFLS240LQ_15 Datasheet HTML 3Page - Diodes Incorporated DFLS240LQ_15 Datasheet HTML 4Page - Diodes Incorporated DFLS240LQ_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DFLS240LQ
Document number: DS37066 Rev. 1 - 2
1 of 5
www.diodes.com
March 2014
© Diodes Incorporated
DFLS240LQ
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
PowerDI
®123
Product Summary
VR(V)
IF (A)
VF MAX (V)
@ +25°C
IR MAX (mA)
@ +25°C
40
2.0
0.50
0.1
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the
stringent requirements of Automotive Applications. It is ideally suited
to use as :
Polarity Protection Diode
Re-circulating Diode
Switching Diode
Features and Benefits
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: PowerDI123
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish – Matte Tin Annealed Over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.01 grams (approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
DFLS240LQ-7
Automotive
PowerDI
®123
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
2022
Code
B
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Green
F06A = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
F06A


Similar Part No. - DFLS240LQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240LQ-7 DIODES-DFLS240LQ-7 Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS240LQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
logo
Won-Top Electronics
SL22 WTE-SL22 Datasheet
40Kb / 3P
   2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com