Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS140Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLS140Q
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS140Q Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLS140Q_15 Datasheet HTML 1Page - Diodes Incorporated DFLS140Q_15 Datasheet HTML 2Page - Diodes Incorporated DFLS140Q_15 Datasheet HTML 3Page - Diodes Incorporated DFLS140Q_15 Datasheet HTML 4Page - Diodes Incorporated DFLS140Q_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DFLS140Q
Document number: DS37062 Rev. 2 - 2
1 of 5
www.diodes.com
May 2015
© Diodes Incorporated
DFLS140Q
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PowerDI
®123
Product Summary
Description and Applications
This Schottky Barrier Rectifier is designed to meet the stringent
requirements of automotive applications. It is ideally suited to use as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
VR(V)
IF (A)
VF MAX (V)
@ +25°C
IR MAX (mA)
@ +25°C
40
0.5
0.51
0.02
Features and Benefits
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Patented Interlocking Clip Design for High Surge Current
Capacity
Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: PowerDI
®123
Case Material: Molded Plastic;
UL “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Polarity: Cathode Band
Terminals: Finish
– Matte Tin Annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.01 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
DFLS140Q-7
Automotive
PowerDI
®123
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
2022
Code
B
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
F04 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex:C = 2015)
M = Month (ex: 9 = September)
Green
PowerDI
®123
PowerDI
®123


Similar Part No. - DFLS140Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS140Q-7 DIODES-DFLS140Q-7 Datasheet
351Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2015 Rev. 2 - 2
More results

Similar Description - DFLS140Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com