Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER204 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # HER204
Description  High Efficiency Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER204 Datasheet(HTML) 3 Page - Leshan Radio Company

  HER204_15 Datasheet HTML 1Page - Leshan Radio Company HER204_15 Datasheet HTML 2Page - Leshan Radio Company HER204_15 Datasheet HTML 3Page - Leshan Radio Company HER204_15 Datasheet HTML 4Page - Leshan Radio Company HER204_15 Datasheet HTML 5Page - Leshan Radio Company HER204_15 Datasheet HTML 6Page - Leshan Radio Company HER204_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
L
0.230
0.300
5.8
7.6
L1
1.0
-
25.4
-
ΦD
0.104
0.140
2.6
3.6
Φd
0.028
0.034
0.7
0.9
inches
mm
Note:
DO-15
molded plastic case
The marking band indicates the
cathode
Dimensions
L
Φd
ΦD
Package outline
LESHAN RADIO COMPANY, LTD.
3/3


Similar Part No. - HER204_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER204-2C2A.300V-2CDO-15 DGNJDZ-HER204-2C2A.300V-2CDO-15 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Frontier Electronics.
HER204-LFR FRONTIER-HER204-LFR Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
HER204-T3 WTE-HER204-T3 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
HER204-T3 WTE-HER204-T3 Datasheet
58Kb / 4P
   2.0A ULTRAFAST DIODE
HER204-TB WTE-HER204-TB Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER204_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com