Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU808 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GBU808
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GBU808 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GBU808 Datasheet HTML 1Page - Zowie Technology Corporation GBU808 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBU802 THRU GBU810
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 8.0 Amperes
FEATURES
MECHANICAL DATA
Case : Molded Plastic
Terminals : Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity : As marked on Body
Weight : 4.0 grams (approx)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
SYMBOLS
VRRM
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
GBU802
200
140
200
GBU804
400
280
400
GBU806
600
420
600
GBU808
800
560
800
GBU810
1000
700
1000
Volts
Maximum instantaneous forward voltage at 4.0 A
VF
1.0
Volts
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
200
Amps
Maximum DC reverse current
at rated DC blocking voltage
@TA=25
o
C
@TA=125
o
C
IR
5
500
uA
Zowie Technology Corporation
REV. 0
GBU
Operating junctionStorage temperature range
TJ,TSTG
-55 to +150
o
C
Typical Junction Capacitance per element (NOTE 4)
CJ
60
pF
Typical thermal resistance per leg (NOTE 3)
21.0
2.2
o
C / W
R JA
R JC
Amps
Maximum average forward
rectified current Tc=100
o
C (NOTE1,2)
I (AV)
8.0
*Dimensions in inches and (millimeters)
Polarity shown on front side of case, positive lead by beveled corner
* Glass passivated chip junctions
*
Compliance to RoHS product
* Plastic Material has Underwriters Laboratory Flammability
Classification 94V-0
* High surge current capability
* Ideal for Printed Circuit Boards
* High temperature soldering guaranteed : 260
o
C/10 seconds
0.878 (22.30)
0.854 (21.70)
0.118 (3.0) x 45
O
CHAMFER
0.224 (5.70)
0.209 (5.30)
0.728 (18.50)
0.689 (17.50)
0.142 (3.6)
0.146 (3.70)
0.130 (3.30)
0.311 (7.20)
0.268 (6.80)
0.098 (2.50)
0.059 (1.50)
0.047 (1.20)
0.031 (0.80)
0.103 (2.61)
0.087 (2.21)
0.208(5.28)
0.192(4.88)
0.208(5.28)
0.192(4.88)
0.208(5.28)
0.192(4.88)
0.053 (1.34)
0.037 (0.94)
0.028 (0.70)
0.012 (0.30)
NOTES : (1) Unit case mounted on Al plate heat-sink
(2) Unit mounted on P.C.B. without heat-sink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for
maximum heat transfer with #6 screw heat-sink size : 8.2 x 8.2 x 0.3cm)
(4) Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - GBU808

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
GBU808 ASEMI-GBU808 Datasheet
82Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Diodes Incorporated
GBU808 DIODES-GBU808 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
SynSemi, Inc.
GBU808 SYNSEMI-GBU808 Datasheet
458Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
SeCoS Halbleitertechnol...
GBU808 SECOS-GBU808 Datasheet
268Kb / 2P
   8.0Amp Glass Passivated Bridge Rectifiers
logo
RFE international
GBU808 RFE-GBU808 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-23-2022
More results

Similar Description - GBU808

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com