Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU606LC Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GBU606LC
Description  Low VF Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GBU606LC Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GBU606LC Datasheet HTML 1Page - Zowie Technology Corporation GBU606LC Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~600V / 6.0A)
GBU602LC THRU GBU606LC
Low VF Bridge Rectifier
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
GBU604LC
400
GBU602LC
200
GBU606LC
600
V
IF(AV)
A
IFSM
A
200
8.3ms single half sine-wave
ITEM
Average forward current at
See fig.1
TA = 50℃
Symbol
Conditions
Unit
Peak forward surge current
Rating
6.0
Repetitive peak reverse voltage
Bridge Rectifier
* Internal structure with GPRC (glass passivated rectifier chip) inside
* Compliance to RoHS product
* Low forward voltage drop
* Superior thermal conductivity
* High current capability with small package
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* This series is UL listed under the recognized
component index, file number E335309
FEATURES
Case : Molded Plastic
Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
Polarity : As marked on Body
Weight : 4.0 grams(approx)
MECHANICAL DATA
Electrical characteristics (Ta = 25
o
C)
VF
IF = 3.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
0.87
0.89
Max.
Unit
Forward voltage
pF
-
65
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
A2sec
-
-
166
Rating for fusing ( t<8.3ms)
uA
-
-
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2013/08
REV. 1
Tj,TSTG
-55 to +175
Operating junction and storage temperature Range
oC
-
22
-
Rth(JA)
Junction to ambient (Without heatsink)
Thermal resistance
oC/W
-
2.8
-
Rth(JC)
Junction to lead (With heatsink)
I2t
-
+
GBU602 LC
MARKING
Zowie logo
UL logo
Unit : mm
Case : GBU-LC
OUTLINE DIMENSIONS
7.00 ± 0.20
22.00 ± 0.30
3.6 Min.
5.08 ± 0.20 5.08 ± 0.20 5.08 ± 0.20
0.50 ± 0.2
1.00 ± 0.20
1.14 ± 0.20
2.00 ± 0.50
3.50 ± 0.20
3 x 45
O
CHAMFER
02 = 200V
04 = 400V
06 = 600V
Voltage class


Similar Part No. - GBU606LC

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GBU606 DGNJDZ-GBU606 Datasheet
302Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU606 DIODES-GBU606 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
RFE international
GBU606 RFE-GBU606 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-23-2022
logo
SeCoS Halbleitertechnol...
GBU606 SECOS-GBU606 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU606 THINKISEMI-GBU606 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
More results

Similar Description - GBU606LC

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBL04LS ZOWIE-GBL04LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU1002LC ZOWIE-GBU1002LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL10LS ZOWIE-GBL10LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
MBCR10JLH ZOWIE-MBCR10JLH Datasheet
199Kb / 2P
   Low VF Bridge Rectifier
GBL02LS ZOWIE-GBL02LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBL06LS ZOWIE-GBL06LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU402LC ZOWIE-GBU402LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
Z4GP40MLH ZOWIE-Z4GP40MLH Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL08LS ZOWIE-GBL08LS Datasheet
81Kb / 2P
   Low VF Bridge Rectifier
GBU408LC ZOWIE-GBU408LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com