Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4310 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4310
Description  Sampling capacitor selection guide for MCU based touch sensing applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4310 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4310 Datasheet HTML 1Page - STMicroelectronics AN4310 Datasheet HTML 2Page - STMicroelectronics AN4310 Datasheet HTML 3Page - STMicroelectronics AN4310 Datasheet HTML 4Page - STMicroelectronics AN4310 Datasheet HTML 5Page - STMicroelectronics AN4310 Datasheet HTML 6Page - STMicroelectronics AN4310 Datasheet HTML 7Page - STMicroelectronics AN4310 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID024789 Rev 2
5/8
AN4310
Capacitor comparison
8
3
Capacitor comparison
Table 2 compares the most important characteristics that need to be reviewed when
selecting a CS capacitor.
The PPS (polyphenylene sulfide) dielectric and the NPO ceramic capacitors performs
excellently in all categories. The PET (metalized polyester) and the PEN (metalized
polyphenylene naphthalate) capacitors also perform quite well and can be used in all touch
sensing applications.
Tantalum capacitors should be avoided as they have a very high dissipation factor and a
high effective series resistance (ESR). X7R ceramic capacitors can be used in certain
applications when a less sensitive level is required.
Table 2. Characteristics of film SMD capacitors
PET
PEN
PPS
NPO
X7R
Tantalum
Operating temperature (°C)
−55 to 125
−55 to 125
−55 to 140
−55 to 125
−55 to 125
−55 to 125
ΔC/C with temperature (°C)
±5
±5
±1.5
±1
±1
±10
Dissipation factor
(%)
1 kHz
0.8
0.8
0.2
0.1
2.5
8
10 kHz
1.5
1.5
0.25
0.1
-
-
100 kHz
3.0
3.0
0.5
0.1
-
-
Dielectric absorption (%)
0.5
1
0.05
0.6
2.5
-
ESR
Low
Low
Very low
Low
Moderate to
high
High
Reliability
High
High
High
High
Moderate
Low


Similar Part No. - AN4310

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
   Using ST6 analog inputs for multiple key decoding
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
   Guidelines for designing touch sensing applications with surface sensors
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
More results

Similar Description - AN4310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
   Capacitor selection guide for STM8T141 capacitive sensor
AN2869 STMICROELECTRONICS-AN2869 Datasheet
982Kb / 43P
   Guidelines for designing touch sensing applications
AN3960 STMICROELECTRONICS-AN3960 Datasheet
639Kb / 21P
   ESD considerations for touch sensing applications
AN2927 STMICROELECTRONICS-AN2927 Datasheet
161Kb / 12P
   RC acquisition principle for touch sensing applications
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TOKO, Inc
MC138 TOKO-MC138 Datasheet
432Kb / 1P
   SELECTION GUIDE FOR STANDARD COILS
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com