Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4299 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4299
Description  Immunity of touch sensing systems to conducted RF voltage is required
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4299 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4299 Datasheet HTML 6Page - STMicroelectronics AN4299 Datasheet HTML 7Page - STMicroelectronics AN4299 Datasheet HTML 8Page - STMicroelectronics AN4299 Datasheet HTML 9Page - STMicroelectronics AN4299 Datasheet HTML 10Page - STMicroelectronics AN4299 Datasheet HTML 11Page - STMicroelectronics AN4299 Datasheet HTML 12Page - STMicroelectronics AN4299 Datasheet HTML 13Page - STMicroelectronics AN4299 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Test set up proposal to detect worst case
AN4299
10/20
DocID024663 Rev 2
3.2
Generator settings
1.
Select “sine wave” and “sweep” mode.
2.
Sweep menu: time = 300 sec, return time = 0, linear, interval = 1 ms
3.
Set Vpp value on the generator to obtain the corresponding voltage injected on the
EUT in case of standard test.
Example: to test in the same condition as the standard at 3 Vrms, you must adjust the
generator voltage to inject 15 Vpp measured on the board with oscilloscope.
Note:
On AFG3102 TEKTRONIX generator, the modulation is not available in sweep mode.
4.
Set the start and end frequencies such that the sweep range does not exceed 60 kHz
for a 300 seconds duration. This recommendation allows to detect worst case level
with sufficient accuracy (typically less than 5 % error).
Note:
An external amplifier might be needed in case the generator would not able to reach the
appropriate injection level.
3.3
Data logging and data processing
Data logging
The STMStudio(a) tool log function can be used to collect data from variable.
Example: “MyChannels_Data[x].Delta” and “MyTKeys[(x)].p_Data->StateId”
Data processing
A graphical tool is recommended for analysis of the results. For example with Microsoft®
Excel® 2D you can obtain the chart shown in Figure 5.
In this example frequency sweep starts at 500 kHz and ends at 550 kHz. Noise level is set
on the generator to 4.6 Vpp (no modulation). Detect out threshold is set to 50, the sensor is
touched and the detection is valid if measured delta is upper 50 else the touch detection is
lost (error is reported). It means that 4.6 Vpp is the limit to avoid detection loss (4.5 Vpp
pass)
As a comparison, IEC61000-4-6 standard recommendation to use 1 % frequency steps
would have lead to explore only ten frequencies in this range, so the chances to detect
worst case would have been very low!
a.
STMStudio: order code STM6STUDIO


Similar Part No. - AN4299

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4290 STMICROELECTRONICS-AN4290 Datasheet
492Kb / 16P
   This document describes how the SPI communication
AN4291 STMICROELECTRONICS-AN4291 Datasheet
2Mb / 53P
   STEVAL385LED4CH: four independent high brightness LED
logo
NXP Semiconductors
AN4292 NXP-AN4292 Datasheet
328Kb / 9P
   DEMOMMA8491 Xtrinsic Accelerometer Evaluation Kit
Rev 0, 10/2012
logo
STMicroelectronics
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
More results

Similar Description - AN4299

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3236 STMICROELECTRONICS-AN3236 Datasheet
315Kb / 15P
   Guidelines to increase the number of touch sensing touchkeys
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
   touch sensing IC is an integrated circuit
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
JMK Inc.
EF-0464-5 JMK-EF-0464-5 Datasheet
170Kb / 1P
   The 464 filter series is designed to be used with systems requiring conducted emission control from 10Khz to 1.0Ghz.
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
JMK Inc.
GF-2032-2 JMK-GF-2032-2 Datasheet
561Kb / 1P
   This filter was developed to suppress conducted electrical noise from MRI LED lighting systems.
logo
STMicroelectronics
STM8 STMICROELECTRONICS-STM8 Datasheet
74Kb / 3P
   STM8S touch sensing evaluation kit
September 2010 Rev 1
logo
Panasonic Semiconductor
ECQV PANASONIC-ECQV Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
logo
Pentair plc. All rights...
2900S PENTAIR-2900S Datasheet
4Mb / 56P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
3900 PENTAIR-3900 Datasheet
3Mb / 40P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com