Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR307PG Datasheet(PDF) 2 Page - Leshan Radio Company

Part # FR307PG
Description  Glass Passivated Junction Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR307PG Datasheet(HTML) 2 Page - Leshan Radio Company

  FR307PG_15 Datasheet HTML 1Page - Leshan Radio Company FR307PG_15 Datasheet HTML 2Page - Leshan Radio Company FR307PG_15 Datasheet HTML 3Page - Leshan Radio Company FR307PG_15 Datasheet HTML 4Page - Leshan Radio Company FR307PG_15 Datasheet HTML 5Page - Leshan Radio Company FR307PG_15 Datasheet HTML 6Page - Leshan Radio Company FR307PG_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
FR301G thru FR307PG
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.1
1
10
200
100
1.0
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
100
3.0
1.5
0
150
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=75℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec


Similar Part No. - FR307PG_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR307P RECTRON-FR307P Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Leshan Radio Company
FR307P LRC-FR307P Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Shenzhen Taychipst Elec...
FR307P TAYCHIPST-FR307P Datasheet
812Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
FR307P PACELEADER-FR307P Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Chenmko Enterprise Co. ...
FR307PT CHENMKO-FR307PT Datasheet
84Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR307PG_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG600R PANJIT-PG600R_05 Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG600R PANJIT-PG600R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA_15 Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG300R PANJIT-PG300R_05 Datasheet
424Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG200R PANJIT-PG200R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP15MA LRC-RGP15MA_15 Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG150R PANJIT-PG150R_09 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG150R PANJIT-PG150R_04 Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
GOOD-ARK Electronics
RGP10A GOOD-ARK-RGP10A Datasheet
165Kb / 2P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG300R PANJIT-PG300R_09 Datasheet
71Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com