Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63819-0400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63819-0400
Description  Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63819-0400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63819-0400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63819-0400
Status:
Active
Description:
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Field Repair, See Tooling Specification (PDF) Above.
Type: 4D
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
883906373337
Physical
Net Weight
317.100/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638190400, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63819-0400

ManufacturerPart #DatasheetDescription
logo
MolexKits
63819-0400 MOLEXKITS-63819-0400 Datasheet
43Kb / 2P
   Friction Lock Plug and Receptacle
63819-0400 MOLEXKITS-63819-0400 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
63819-0400 MOLEXKITS-63819-0400 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
63819-0400 MOLEXKITS-63819-0400 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
63819-0400 MOLEXKITS-63819-0400 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
More results

Similar Description - 63819-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0300 MOLEX11-63819-0300 Datasheet
44Kb / 1P
   Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
   Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2800 MOLEX11-63819-2800 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 22-26 AWG Wire
63811-0300 MOLEX-63811-0300 Datasheet
139Kb / 5P
   Hand Crimp Tool for 1.25mm (.049) Pitch Crimp Terminals
04-14-08
63811-7900 MOLEX-63811-7900 Datasheet
532Kb / 7P
   Hand Crimp Tool for 1.25mm (.049?? Pitch Crimp Terminals
06-25-14
63819-2400 MOLEX11-63819-2400 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
   Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
0638192400 MOLEX-0638192400 Datasheet
40Kb / 2P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
11/02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com