Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S120A-11Y-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-S120A-11Y-XX
Description  30.60mm (1.2) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S120A-11Y-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-S120A-11Y-XX Datasheet HTML 1Page - BetLux Electronics BL-S120A-11Y-XX Datasheet HTML 2Page - BetLux Electronics BL-S120A-11Y-XX Datasheet HTML 3Page - BetLux Electronics BL-S120A-11Y-XX Datasheet HTML 4Page - BetLux Electronics BL-S120A-11Y-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S120X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
30.60mm (1.2”) Single digit Seven Segment LED display series
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S120A-11S-XX
BL-S120B-11S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
80
BL-S120A-11D-XX
BL-S120B-11D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
120
BL-S120A-11UR-XX
BL-S120B-11UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
130
BL-S120A-11E-XX
BL-S120B-11E-XX
Orange
GaAsP/GaP
635
2.10
2.50
92
BL-S120A-11Y-XX
BL-S120B-11Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
92
BL-S120A-11G-XX
BL-S120B-11G-XX
Green
GaP/GaP
570
2.20
2.50
92
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
?"
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S120A-11UHR-X
X
BL-S120B-11UHR-X
X
Ultra Red
AlGaInP
645
2.10
2.50
130
BL-S120A-11UE-XX
BL-S120B-11UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
95
BL-S120A-11YO-XX
BL-S120B-11YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
95
BL-S120A-11UY-XX
BL-S120B-11UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
95
BL-S120A-11UG-XX
BL-S120B-11UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
120
BL-S120A-11PG-XX
BL-S120B-11PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
150
BL-S120A-11B-XX
BL-S120B-11B-XX
Ultra Blue
InGaN
470
2.70
4.20
85
BL-S120A-11W-XX
BL-S120B-11W-XX
Ultra White
InGaN
/
2.70
4.20
120
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-S120A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S120A-11Y-0 BETLUX-BL-S120A-11Y-0 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S120A-11Y-1 BETLUX-BL-S120A-11Y-1 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S120A-11Y-10 BETLUX-BL-S120A-11Y-10 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S120A-11Y-11 BETLUX-BL-S120A-11Y-11 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S120A-11Y-12 BETLUX-BL-S120A-11Y-12 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S120A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S120C-11 BETLUX-BL-S120C-11 Datasheet
314Kb / 5P
   30.60mm (1.2) Single digit Seven Segment LED display series
logo
LUMEX INC.
LDS-SMA2003RI-SYTR LUMEX-LDS-SMA2003RI-SYTR Datasheet
62Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMA2004RI-TR LUMEX-LDS-SMA2004RI-TR Datasheet
64Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMA5614RI-TR LUMEX-LDS-SMA5614RI-TR Datasheet
66Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
logo
P-tec Corporation
PD25-CADO12 P-TEC-PD25-CADO12 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
logo
LUMEX INC.
LDS-SMA2008RI-SOTR LUMEX-LDS-SMA2008RI-SOTR Datasheet
63Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMC2003RI-TR LUMEX-LDS-SMC2003RI-TR Datasheet
62Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMC2008RI-SOTR LUMEX-LDS-SMC2008RI-SOTR Datasheet
63Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMA2003RI-TR LUMEX-LDS-SMA2003RI-TR Datasheet
62Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMC2004RI-SITR LUMEX-LDS-SMC2004RI-SITR Datasheet
62Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com