Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV836 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # MV836
Description  ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

MV836 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  MV836 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
ABRUPT VARACTOR DIODES
MV830 - MV840
PART
CT DIODE CAPACITANCE
Q, QUALITY FACTOR
TR, TUNING RATIO
NUMBER
Vr = 4 Vdc, f = 1 MHz
Vr = 4 Vdc
f = 1 MHz
(pF)
f = 50 MHz
C•4V / C•25V
MIN
NOM
MAX
MIN
TYP
MIN
TYP
MV830
13.5
15.0
16.5
30
35
1.8
2.00
MV831
16.2
18.0
19.8
25
30
1.8
2.00
MV832
19.8
22.0
24.2
25
30
1.8
2.10
MV833
24.3
27.0
29.7
25
30
1.8
2.10
MV834
29.7
33.0
36.3
20
25
1.9
2.12
MV835
35.1
39.0
42.9
20
25
1.9
2.12
MV836
42.3
47.0
51.7
15
20
1.9
2.15
MV837
50.4
56.0
61.6
15
20
1.9
2.15
MV838
61.2
68.0
74.8
15
20
2.0
2.18
MV839
73.8
82.0
90.2
10
15
2.0
2.18
MV840
90.0
100.0
110.0
10
15
2.0
2.18
Package Style
DO-7
DC Power Dissipation
@ Ta = 25° C
400 mW
Min Reverse Breakdown Voltage
@ Ir = 10 µA
30 Vdc
Max Reverse Current (IR)
@ 25 Vdc
0.2 µA
Operating Temperature (Topr)
-65 to + 150° C
Storage Temperature (Tstg)
-65 to + 200 ° C
unction Temperature
+ 175° C


Similar Part No. - MV836

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8303 QT-MV8303 Datasheet
96Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8303 FAIRCHILD-MV8303 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV8304 QT-MV8304 Datasheet
96Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8304 FAIRCHILD-MV8304 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV8305 QT-MV8305 Datasheet
96Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results

Similar Description - MV836

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
logo
Knox Semiconductor, Inc
1N5681 KNOX-1N5681 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
1N5139 KNOX-1N5139 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
1N5441 KNOX-1N5441 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com