Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4207 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 6Page - STMicroelectronics AN4207 Datasheet HTML 7Page - STMicroelectronics AN4207 Datasheet HTML 8Page - STMicroelectronics AN4207 Datasheet HTML 9Page - STMicroelectronics AN4207 Datasheet HTML 10Page - STMicroelectronics AN4207 Datasheet HTML 11Page - STMicroelectronics AN4207 Datasheet HTML 12Page - STMicroelectronics AN4207 Datasheet HTML 13Page - STMicroelectronics AN4207 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Overview of 16-bit SDADC
AN4207
10/28
Doc ID 023945 Rev 1
Figure 5.
Input signal range in single ended zero reference mode
Note:
When channel p (with p is even) is used in differential mode, the channel p+1 is
automatically used as minus input (SDADCx_AINyM) and therefore channel p+1 can not be
used in single ended mode (zero reference mode or offset mode).
When channel 4 is configured in differential mode channel 5 is automatically used as minus
input and therefore channel 5 can not be used either in single ended offset mode or in single
ended zero reference mode.
2.1.3
SDADC voltage references
The SDADC reference voltage is selectable among four sources:
1.
VREFINT1: A 1.2V embedded reference voltage
2.
VREFINT2: A 1.8V embedded reference voltage
3.
VDDSD: The SDADC analog supply voltage. It ranges from 2.2 V to 3.6 V
4.
VREFSD+: The external SDADC reference voltage. It ranges from 1.1 V to VDDSD
The table below shows the voltage weights per bit (step size) using three possible
references.
SDADCx_AINyP
Vref/gain
MSv31131V1
Table 2.
Voltage step sizes
VREFSD+
µV/bit
VREINT1: 1.2
18.46
VREINT2: 1.8
27.69
3.3V
50.35


Similar Part No. - AN4207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
   Occasionally the analog signal provided by external sensors require
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
AN4205 STMICROELECTRONICS-AN4205 Datasheet
884Kb / 23P
   The most recent developments in energy savings fit perfectly
AN4206 STMICROELECTRONICS-AN4206 Datasheet
769Kb / 34P
   Getting started with STM32F3 series hardware development
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
More results

Similar Description - AN4207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
   All members of the ST62 Series of Microcontrollers
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
logo
STMicroelectronics
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
   Extending the DAC performance of STM32 microcontrollers
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
   Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
AN4626 STMICROELECTRONICS-AN4626 Datasheet
151Kb / 6P
   The VL6180X module combines a proximity
logo
Infineon Technologies A...
IRF6668PBP INFINEON-IRF6668PBP Datasheet
636Kb / 10P
   The IRF6668PbF combines the latest HEXFET짰 Power MOSFET
08/28/06
IRF6715MPBBF INFINEON-IRF6715MPBBF Datasheet
282Kb / 9P
   The IRF6715MPbF combines the latest HEXFET짰 Power MOSFET
02/16/11
logo
Renesas Technology Corp
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
   The R8C/M13B Group of single-chip microcontrollers
logo
Murata Manufacturing Co...
VFC2HR71H104K5M1 MURATA1-VFC2HR71H104K5M1_V01 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
VFC2HL81D105K2M1 MURATA1-VFC2HL81D105K2M1_V01 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com