Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4169 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4169 Datasheet HTML 4Page - STMicroelectronics AN4169 Datasheet HTML 5Page - STMicroelectronics AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics AN4169 Datasheet HTML 10Page - STMicroelectronics AN4169 Datasheet HTML 11Page - STMicroelectronics AN4169 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Passive components
AN4169
8/14
Doc ID 023704 Rev 1
resonant circuit. Typically, for a 1.6 mm thickness PCB material, a single via can add 1.2 nH
of inductance and 0.5 pF of capacitance, depending on the via dimensions and PCB
dielectric material, although the effects can be minimized by ensuring that the inter-via
spacing is of
λ/30.
3
Passive components
Passive components play a fundamental rule in the success of an ideal PCB. The following
is a brief description of the physical properties of the capacitor and inductor components
that can help with the circuit design and the choice of the components.
ST strongly recommends using only the values and types of items specified in the BOM of
the SPIRIT1 application board, since a change in their value and/or type can create a
different behavior of the RF characteristic of the application.
3.1
Capacitors
A capacitor is a passive electrical component used to store energy in an electrical field. The
forms of practical capacitors vary widely, but all contain at least two electrical conductors
separated by a dielectric.
Capacitors differ from each other in construction techniques and materials used in the
manufacture. A lot of different types of capacitors exist (double-layer, polyester,
polypropylene and so on), but this document focuses on the surface mount versions of
ceramics only. The other types of capacitors are not indicated for the application targeted in
this document.
A capacitor, as a practical device, exhibits not only capacitance but also resistance and
inductance. A simplified schematic for the equivalent circuit is shown in Figure 5.
Figure 5.
Capacitor equivalent circuit
Typically, the ESR (equivalent series resistance) and the ESL (equivalent series inductance)
are defined for the capacitors. The term ESR combines all losses, both series and parallel,
in a capacitor at a given frequency so that the equivalent circuit is reduced to a simple R-C
series connection. The same is true for the ESL which is the equivalent series inductor
Rp
C
Rs
L
AM14766V1


Similar Part No. - AN4169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
   This application note describes the demonstration board EVL4984-350W
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
More results

Similar Description - AN4169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
   PCB design guidelines for the STM32W108 platform
AN4630 STMICROELECTRONICS-AN4630 Datasheet
1Mb / 33P
   PCB design guidelines for the BlueNRG and BlueNRG-MS devices
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
   Design Guidelines
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
   Design Guidelines for Flyback Converters
logo
STMicroelectronics
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender
logo
Vishay Siliconix
AN734 VISHAY-AN734 Datasheet
47Kb / 5P
   Design Guidelines for the Low-Noise Low-Dropout Regulator Si9181
31-Oct-00
logo
STMicroelectronics
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
   PCB guidelines for SPEAr1340
logo
Fairchild Semiconductor
AN4146 FAIRCHILD-AN4146 Datasheet
376Kb / 24P
   Design Guidelines for Quasi-Resonant Converters
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com