Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL04LS Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GBL04LS
Description  Low VF Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GBL04LS Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GBL04LS Datasheet HTML 1Page - Zowie Technology Corporation GBL04LS Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(400V / 4.0A)
GBL04LS
Low VF Bridge Rectifier
Unit : mm
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
400
V
IF(AV)
A
IFSM
A
160
8.3ms single half sine-wave
ITEM
Average forward current at
See fig.1
TA = 50℃
Symbol
Conditions
Unit
Peak forward surge current
Rating
4.0
Notes (1)
Repetitive peak reverse voltage
Case : GBL-LS
Bridge Rectifier
* Internal structure with GPRC (glass passivated rectifier chip) inside
* Compliance to RoHS product
* Low forward voltage drop
* Superior thermal conductivity
* High current capability with small package
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* This series is UL listed under the recognized
component index, file number E335309
FEATURES
Case : Molded Plastic
Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
Polarity : As marked on Body
Weight : 2.0 grams(approx)
MECHANICAL DATA
OUTLINE DIMENSIONS
Electrical characteristics (Ta = 25
o
C)
VF
PD
IF = 2.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
0.87
0.89
Max.
Unit
Forward voltage
pF
-
55
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
A2sec
-
-
106
Rating for fusing ( t<8.3ms)
uA
-
-
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2013/08
REV. 1
NOTES : (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plate
(2) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads
(3) Preliminary
Tj,TSTG
-55 to +175
Operating junction and storage temperature Range
oC
-
22
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
Power dissipation
oC/W
W
-
4.2
6.8
-
Rth(JC)
Junction to case (NOTE 1)
I2t
MARKING
+
~
~ -
20.0 ± 0.5
2.5 x 45
o
CHAMFER
2.5 ± 0.2
3.5 ± 0.2
2.0 ± 0.2
1.0 ± 0.2
0.5 ± 0.2
1.0 ± 0.1
5.0 ± 0.2 5.0 ± 0.2 5.0 ± 0.2
+
-
~ ~
GBL04 LS


Similar Part No. - GBL04LS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
GBL04 VISHAY-GBL04 Datasheet
95Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
logo
CHENG-YI ELECTRONIC CO....
GBL04 CHENG-YI-GBL04 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBL04 TSC-GBL04 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
logo
General Semiconductor
GBL04 GE-GBL04 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBL04LS

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU1002LC ZOWIE-GBU1002LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL10LS ZOWIE-GBL10LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
MBCR10JLH ZOWIE-MBCR10JLH Datasheet
199Kb / 2P
   Low VF Bridge Rectifier
GBL02LS ZOWIE-GBL02LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBL06LS ZOWIE-GBL06LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU602LC ZOWIE-GBU602LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBU402LC ZOWIE-GBU402LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
Z4GP40MLH ZOWIE-Z4GP40MLH Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL08LS ZOWIE-GBL08LS Datasheet
81Kb / 2P
   Low VF Bridge Rectifier
GBU408LC ZOWIE-GBU408LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com